Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS166 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1SS166
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1SS166 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1SS166 Datasheet HTML 1Page - EIC discrete Semiconductors 1SS166 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( 1SS166 )
Forward Current VS. Forward Voltage
Reverse Current VS. Reverse Voltage
Diode capacitance VS. Reverse Voltage
Page 2 of 2
Rev. 02 : March 24, 2005
0
0.4
1.0
Forward Voltage , VF (V)
0.001
1.0
100
0.01
0.1
10
Reverse Voltage , VR (V)
0
10
20
30
25
10
0.2
0.6
0.8
1.2
1.0
0.1
0.01
0.001
15
5
100
0.1
0.8
Reverse Voltage , VR (V)
0.2
3.2
0.4
0.8
1.6
2.4
4.0
4.4
3.6
2.8
2.0
1.2
0.4
0.6
1.0
1.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com