Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PB709A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2PB709A
Description  PNP general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PB709A Datasheet(HTML) 3 Page - NXP Semiconductors

  2PB709A Datasheet HTML 1Page - NXP Semiconductors 2PB709A Datasheet HTML 2Page - NXP Semiconductors 2PB709A Datasheet HTML 3Page - NXP Semiconductors 2PB709A Datasheet HTML 4Page - NXP Semiconductors 2PB709A Datasheet HTML 5Page - NXP Semiconductors 2PB709A Datasheet HTML 6Page - NXP Semiconductors 2PB709A Datasheet HTML 7Page - NXP Semiconductors 2PB709A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 23
3
Philips Semiconductors
Product specification
PNP general purpose transistor
2PB709A
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −45 V
−−10
nA
IE = 0; VCB = −45 V; Tj = 150 °C
−−5
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−10
nA
hFE
DC current gain
IC = −2 mA; VCE = −10 V
2PB709AQ
160
260
2PB709AR
210
340
2PB709AS
290
460
VCEsat
collector-emitter saturation
voltage
IC = −100 mA; IB = −10 mA; note 1
−−500
mV
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−
5pF
fT
transition frequency
IC = −1 mA; VCE = −10 V; f = 100 MHz
2PB709AQ
60
−
MHz
2PB709AR
70
−
MHz
2PB709AS
80
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com