Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL6263 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # LL6263
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

LL6263 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  LL6263 Datasheet HTML 1Page - EIC discrete Semiconductors LL6263 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL5711 and LL6263
SCHOTTKY BARRIER DIODES
VRRM : 70V , 60V
FEATURES :
• For general purpose applications
• Metal-on-silicon Schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices, steering, biasing and coupling diodes for
fast switching and low logic level applications.
• This diode is also available in the DO-35 case with
type designation 1N5711 and 1N6263.
• Pb / RoHS Free
MECHANICAL DATA :
Case: MiniMELF Glass Case (SOD-80C)
Weight: approx. 0.05g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
LL5711
70
LL6263
60
Power Dissipation (Infinite Heatsink)
PD
400
(1)
mW
Maximum Single Cycle Surge 10
µs Square Wave
IFSM
2.0
A
Junction Temperature
TJ
125
(1)
°C
Storage temperature range
TS
-55 to + 150
(1)
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
LL5711
70
-
-
LL6263
60
-
-
Reverse Current
IR
VR = 50 V
-
-
200
nA
IF = 1mA
-
-
0.41
IF = 15mA
-
-
1.0
LL5711
-
-
2.0
LL6263
-
-
2.2
IF = IR = 5mA,
recover to 0.1IR
Note: (1) Valid provided that electrodes are kept at ambient temperature
Page 1 of 2
Rev. 02 : March 24, 2005
Parameter
Repetitive Peak Reverse Voltage
VRRM
V
Reverse Breakdown Voltage
V(BR)R
Forward Voltage Drop
V
V
IR = 10 µA
Test Condition
-
-
Diode Capacitance
Reverse Recovery Time
VF
Cd
Trr
pF
ns
1.0
VR = 0 V, f = 1MHz
Dimensions in inches and ( millimeters )
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
Mounting Pad Layout
0.049 (1.25)Min.
0.197 (5.00)
REF
0.098 (2.50)
Max.
0.079 (2.00)Min.


Similar Part No. - LL6263

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL6263 DIODES-LL6263 Datasheet
57Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS30076 Rev. A-2
logo
General Semiconductor
LL6263 GE-LL6263 Datasheet
84Kb / 2P
Schottky Diodes
logo
SynSemi, Inc.
LL6263 SYNSEMI-LL6263 Datasheet
31Kb / 2P
SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
LL6263 GOOD-ARK-LL6263 Datasheet
112Kb / 2P
Small-Signal Diode Schottky Diodes
logo
Jinan Jingheng (Group) ...
LL6263 JINANJINGHENG-LL6263 Datasheet
70Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL6263

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com