Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PC4617S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PC4617S
Description  NPN general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PC4617S Datasheet(HTML) 2 Page - NXP Semiconductors

  2PC4617S Datasheet HTML 1Page - NXP Semiconductors 2PC4617S Datasheet HTML 2Page - NXP Semiconductors 2PC4617S Datasheet HTML 3Page - NXP Semiconductors 2PC4617S Datasheet HTML 4Page - NXP Semiconductors 2PC4617S Datasheet HTML 5Page - NXP Semiconductors 2PC4617S Datasheet HTML 6Page - NXP Semiconductors 2PC4617S Datasheet HTML 7Page - NXP Semiconductors 2PC4617S Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 21
2
Philips Semiconductors
Product specification
NPN general purpose transistor
2PC4617
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 50 V).
APPLICATIONS
• General purpose switching and amplification in
communication, electronic data processing (EDP) and
consumer applications.
DESCRIPTION
NPN transistor in an SC-75 plastic package.
PNP complement: 2PA1774.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SC-75) and symbol.
handbook, halfpage
MAM348
1
2
3
Top view
12
3
MARKING
TYPE NUMBER
MARKING CODE
2PC4617Q
ZQ
2PC4617R
ZR
2PC4617S
ZS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
50
V
VCEO
collector-emitter voltage
open base
−
50
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com