Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

041ASH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 041ASH
Description  Aluminum Electrolytic Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

041ASH Datasheet(HTML) 4 Page - Vishay Siliconix

  041ASH Datasheet HTML 1Page - Vishay Siliconix 041ASH Datasheet HTML 2Page - Vishay Siliconix 041ASH Datasheet HTML 3Page - Vishay Siliconix 041ASH Datasheet HTML 4Page - Vishay Siliconix 041ASH Datasheet HTML 5Page - Vishay Siliconix 041ASH Datasheet HTML 6Page - Vishay Siliconix 041ASH Datasheet HTML 7Page - Vishay Siliconix 041ASH Datasheet HTML 8Page - Vishay Siliconix 041ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
041 ASH, 042 ASH, 043 ASH
www.vishay.com
Vishay BCcomponents
Revision: 19-Sep-16
4
Document Number: 28329
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Determines the applicable row in the table “Endurance Test Duration and Useful Life”
400
6.8
10 x 30
00
110
220
110
0.055
11.5
7.3
L2
04216688E3 04226688E3
-
-
10
12.5 x 30
01
150
240
110
0.055
7.5
4.6
L2
04216109E3 04226109E3
-
-
15
15 x 30
02
210
250
110
0.055
5.0
3.1
L2
04216159E3 04226159E3
-
04246159E3
22
18 x 30
03
290
280
120
0.055
3.5
2.1
L2
04216229E3
-
-
04246229E3
33
18 x 38
04
380
320
130
0.055
2.3
1.4
L2
04316339E3
-
-
04346339E3
47
18 x 38
04
450
370
140
0.055
1.7
1.1
L2
04316479E3
-
-
04346479E3
68
21 x 38
05
560
440
150
0.055
1.2
0.7
L2
04316689E3
-
-
04346689E3
450
6.8
10 x 30
00
110
230
110
0.10
22
14
L3
04217688E3 04227688E3
-
-
10
12.5 x 30
01
150
240
110
0.10
15
10
L3
04217109E3 04227109E3
-
-
15
12.5 x 30
01
180
260
110
0.10
10
6.0
L3
04217159E3 04227159E3
-
-
22
15 x 30
02
240
290
120
0.10
6.8
4.1
L3
04217229E3 04227229E3
-
04247229E3
33
18 x 30
03
350
330
130
0.10
4.5
2.7
L3
04217339E3
-
-
04247339E3
47
18 x 38
04
440
390
140
0.10
3.2
2.1
L3
04317479E3
-
-
04347479E3
68
21 x 38
05
550
460
160
0.10
2.2
1.4
L3
04317689E3
-
-
04347689E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
UR = 160 V to 250 V
Us  1.15 x UR
UR = 350 V to 450 V
Us  1.1 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min:
case Ø D x L = 8 mm x 18 mm to 10 mm x 25 mm:
CV
 1000 μC
IL1  0.05 CR x UR or 5 μA, whichever is greater
CV
 1000 μC
IL1  0.03 CR x UR + 20 μA
case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm:
UR = 160 V to 385 V
IL1  0.009 CR x UR + 10 μA
UR = 400 V and 450 V
IL1  0.009 CR x UR + 200 μA
After 5 min:
UR = 160 V to 385 V:
CV
 1000 μC
IL5  0.01 CR x UR or 1 μA, whichever is greater
CV
 1000 μC
IL5  0.006 CR x UR + 4 μA
UR = 400 V and 450 V
IL5  0.002 CR x UR + 100 μA
Inductance
Equivalent series
inductance (ESL)
Case Ø D x L mm:
8 x 18
Typ. 35 nH
-
10 x 18
Typ. 69 nH
-
10 x 25
Typ. 38 nH
-
10 x 30
Typ. 38 nH
-
12.5 x 30
Typ. 46 nH
-
15 x 30
Typ. 48 nH
Typ. 39 nH
18 x 30
Typ. 50 nH
Typ. 39 nH
18 x 38
Typ. 54 nH
Typ. 39 nH
21 x 38
Typ. 59 nH
Typ. 39 nH
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
85 °C
(mA)
IL1
1 min
(μA)
IL5
5 min
(μA)
tan
100 Hz
ESR
100 Hz
(
)
Z
10 kHz
(
)
LIFE
CODE (1)
ORDERING CODE MAL2..........
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com