Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

042ASH Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 042ASH
Description  Aluminum Electrolytic Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

042ASH Datasheet(HTML) 3 Page - Vishay Siliconix

  042ASH Datasheet HTML 1Page - Vishay Siliconix 042ASH Datasheet HTML 2Page - Vishay Siliconix 042ASH Datasheet HTML 3Page - Vishay Siliconix 042ASH Datasheet HTML 4Page - Vishay Siliconix 042ASH Datasheet HTML 5Page - Vishay Siliconix 042ASH Datasheet HTML 6Page - Vishay Siliconix 042ASH Datasheet HTML 7Page - Vishay Siliconix 042ASH Datasheet HTML 8Page - Vishay Siliconix 042ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
041 ASH, 042 ASH, 043 ASH
www.vishay.com
Vishay BCcomponents
Revision: 19-Sep-16
3
Document Number: 28329
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 3 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 041 series
10 μF / 250 V; -10 % / +50 %
Nominal case size: Ø 10 mm x 25 mm; Form BA
Ordering code: MAL204133109E3
Former 12NC: 2222 041 33109
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz,
tolerance -10 % to +50 %
IR
Rated RMS ripple current at 100 Hz, 85 °C
IL1
Max. leakage current after 1 min at UR
IL5
Max. leakage current after 5 min at UR
tan
Max. dissipation factor at 100 Hz
ESR
Equivalent series resistance at 100 Hz
(calculated from tan
max. and CR)
Z
Max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
85 °C
(mA)
IL1
1 min
(μA)
IL5
5 min
(μA)
tan
100 Hz
ESR
100 Hz
(
)
Z
10 kHz
(
)
LIFE
CODE (1)
ORDERING CODE MAL2..........
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR
160
10
8 x 18
5
70
68
14
0.15
24
12
L1
-
04121109E3 04131109E3
-
22
10 x 25
7
150
130
25
0.15
11
5.5
L1
-
04121229E3 04131229E3
-
22
10 x 30
00
190
42
25
0.10
6.8
5.5
L2
04211229E3 04221229E3
-
-
33
12.5 x 30
01
270
58
36
0.10
4.5
3.1
L2
04211339E3 04221339E3
-
-
47
15 x 30
02
350
78
49
0.10
3.2
2.1
L2
04211479E3 04221479E3
-
04241479E3
68
15 x 30
02
420
110
69
0.10
2.2
1.4
L2
04211689E3 04221689E3
-
04241689E3
100
18 x 30
03
580
150
100
0.10
1.5
1.0
L2
04211101E3
-
-
04241101E3
150
18 x 38
04
760
230
150
0.10
1.0
0.7
L2
04311151E3
-
-
04341151E3
220
21 x 38
05
940
330
220
0.10
0.7
0.5
L2
04311221E3
-
-
04341221E3
250
10
10 x 30
00
130
33
19
0.10
15
11
L2
04213109E3 04223109E3
-
-
15
12.5 x 30
01
180
44
27
0.10
10
7.4
L2
04213159E3 04223159E3
-
-
22
12.5 x 30
01
220
60
37
0.10
6.8
5.0
L2
04213229E3 04223229E3
-
-
33
15 x 30
02
290
84
54
0.10
4.5
3.4
L2
04213339E3 04223339E3
-
04243339E3
47
18 x 30
03
400
120
75
0.10
3.2
2.3
L2
04213479E3
-
-
04243479E3
68
18 x 38
04
520
160
110
0.10
2.2
1.7
L2
04313689E3
-
-
04343689E3
100
21 x 38
05
650
240
150
0.10
1.5
1.1
L2
04313101E3
-
-
04343101E3
350
6.8
10 x 30
00
110
32
18
0.10
22
14
L2
04215688E3 04225688E3
-
-
10
12.5 x 30
01
150
42
25
0.10
15
10
L2
04215109E3 04225109E3
-
-
15
12.5 x 30
01
180
57
36
0.10
10
6.7
L2
04215159E3 04225159E3
-
-
22
15 x 30
02
250
79
50
0.10
6.8
4.5
L2
04215229E3 04225229E3
-
04245229E3
33
18 x 30
03
350
110
73
0.10
4.5
3.1
L2
04215339E3
-
-
04245339E3
47
18 x 38
04
450
160
100
0.10
3.2
2.1
L2
04315479E3
-
-
04345479E3
68
21 x 38
05
560
220
150
0.10
2.2
1.4
L2
04315689E3
-
-
04345689E3
385
6.8
10 x 30
00
110
34
20
0.10
22
14
L2
04218688E3 04228688E3
-
-
10
12.5 x 30
01
150
45
27
0.10
15
10
L2
04218109E3 04228109E3
-
-
15
15 x 30
02
210
62
39
0.10
10
6.0
L2
04218159E3 04228159E3
-
04248159E3
22
18 x 30
03
290
86
55
0.10
6.8
4.1
L2
04218229E3
-
-
04248229E3
33
18 x 38
04
380
120
80
0.10
4.5
2.7
L2
04318339E3
-
-
04348339E3
47
18 x 38
04
450
170
110
0.10
3.2
2.1
L2
04318479E3
-
-
04348479E3
68
21 x 38
05
570
250
160
0.10
2.2
1.4
L2
04318689E3
-
-
04348689E3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com