Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

043ASH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 043ASH
Description  Aluminum Electrolytic Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

043ASH Datasheet(HTML) 1 Page - Vishay Siliconix

  043ASH Datasheet HTML 1Page - Vishay Siliconix 043ASH Datasheet HTML 2Page - Vishay Siliconix 043ASH Datasheet HTML 3Page - Vishay Siliconix 043ASH Datasheet HTML 4Page - Vishay Siliconix 043ASH Datasheet HTML 5Page - Vishay Siliconix 043ASH Datasheet HTML 6Page - Vishay Siliconix 043ASH Datasheet HTML 7Page - Vishay Siliconix 043ASH Datasheet HTML 8Page - Vishay Siliconix 043ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
041 ASH, 042 ASH, 043 ASH
www.vishay.com
Vishay BCcomponents
Revision: 19-Sep-16
1
Document Number: 28329
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Axial Standard, High Voltage
Fig. 1
FEATURES
• Useful life: 5000 h to 15 000 h at 85 °C
• High rated voltage: up to 450 V
• Taped versions up to case Ø 15 mm x 30 mm
available for automatic insertion
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte
• Axial leads, cylindrical aluminum case, insulated with a
blue sleeve
• Mounting ring version not available in insulated form
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• General purpose, industrial, power supply, audio-video
• Smoothing, filtering, buffering at high voltages
• Boards with restricted mounting height, vibration, and
shock resistant
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (T for -10 % to +50 %)
• Rated voltage (in V)
• Upper category temperature (85 °C)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Negative terminal identification
• Series number (041, 042 or 043)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
8 x 18
to 10 x 25
10 x 30
to 21 x 38
Rated capacitance range, CR
6.8 μF to 220 μF
Tolerance on CR
-10 % to +50 %
Rated voltage range, UR
160 V to 450 V
Category temperature range
-40 °C to +85 °C
(450 V: -25 °C to +85 °C)
Endurance test at 85 °C
2000 h
8000 h
(450 V: 5000 h)
Useful life at 85 °C
5000 h
15 000 h
(450 V: 10 000 h)
Useful life at 40 °C
1.4 x IR
applied:
120 000 h
1.8 x IR applied:
240 000 h
(450 V: 160 000 h)
Shelf life at 0 V, 85 °C
500 h
Based on sectional
specification
IEC 60384-4 / EN130300
Climatic category IEC 60068
40 / 085 / 56 (450 V: 25 / 085 / 56)
low voltage
lighting
applications
021 ASM
138 AML
041/043 ASH
042/043
AMH-ELB 85 °C
AHH-ELB 105 °C
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
160
250
350
385
400
450
6.8
-
-
10 x 30
10 x 30
10 x 30
10 x 30
10
8 x 18
-
12.5 x 30
12.5 x 30
12.5 x 30
12.5 x 30
-
10 x 30
-
-
-
-
15
-
12.5 x 30
12.5 x 30
15 x 30
15 x 30
12.5 x 30
22
10 x 25
12.5 x 30
15 x 30
18 x 30
18 x 30
15 x 30
10 x 30
-
-
-
-
-
33
12.5 x 30
15 x 30
18 x 30
18 x 38
18 x 38
18 x 30
47
15 x 30
18 x 30
18 x 38
18 x 38
18 x 38
18 x 38
68
15 x 30
18 x 38
21 x 38
21 x 38
21 x 38
21 x 38
100
18 x 30
21 x 38
-
-
-
-
150
18 x 38
-
-
-
-
-
220
21 x 38
-
-
-
-
-


Similar Part No. - 043ASH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
043ASH VISHAY-043ASH Datasheet
225Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard, High Voltage
19-Sep-16
More results

Similar Description - 043ASH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
041-043ASH VISHAY-041-043ASH Datasheet
119Kb / 9P
Aluminum Capacitors Axial Standard, High Voltage
05-May-08
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
105째C Standard Axial Lead Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard Miniature
16-Sep-16
041ASH VISHAY-041ASH Datasheet
225Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard, High Voltage
19-Sep-16
logo
Kemet Corporation
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
logo
Vishay Siliconix
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard
16-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com