Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM488ANZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM488ANZ
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488ANZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM488ANZ Datasheet HTML 8Page - Analog Devices ADM488ANZ Datasheet HTML 9Page - Analog Devices ADM488ANZ Datasheet HTML 10Page - Analog Devices ADM488ANZ Datasheet HTML 11Page - Analog Devices ADM488ANZ Datasheet HTML 12Page - Analog Devices ADM488ANZ Datasheet HTML 13Page - Analog Devices ADM488ANZ Datasheet HTML 14Page - Analog Devices ADM488ANZ Datasheet HTML 15Page - Analog Devices ADM488ANZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM488/ADM489
Rev. D | Page 12 of 16
300ms
16ms
V
t
V
0.2/0.4ms
t
5ns
50ns
Figure 25. IEC1000-4-4 Fast Transient Waveform
Table 8 shows the peak voltages for each of the environments.
Table 8. Peak Voltages
Level
VPEAK (kV) PSU
VPEAK (kV) I/O
1
0.5
0.25
2
1
0.5
3
2
1
4
4
2
A simplified circuit diagram of the actual EFT generator is
shown in Figure 26.
These transients are coupled onto the signal lines using an EFT
coupling clamp. The clamp is 1 m long and completely sur-
rounds the cable, providing maximum coupling capacitance
(50 pF to 200 pF typical) between the clamp and the cable. High
energy transients are capacitively coupled onto the signal lines.
Fast rise times (5 ns), as specified by the standard, result in very
effective coupling. This test is very severe because high voltages
are coupled onto the signal lines. The repetitive transients often
cause problems, while single pulses do not. Destructive latch-up
can be induced due to the high energy content of the transients.
Note that this stress is applied while the interface products are
powered up and transmitting data. The EFT test applies hun-
dreds of pulses with higher energy than ESD. Worst-case
transient current on an I/O line can be as high as 40 A.
RC
CC
ZS
L
RM CD
HIGH
VOLTAGE
SOURCE
50Ω
OUTPUT
Figure 26. EFT Generator
Test results are classified according to the following:
•
Normal performance within specification limits.
•
Temporary degradation or loss of performance that is self-
recoverable.
•
Temporary degradation or loss of function or performance
that requires operator intervention or system reset.
•
Degradation or loss of function that is not recoverable due
to damage.
The ADM488/ADM489 have been tested under worst-case
conditions using unshielded cables, and meet Classification 2 at
Severity Level 4. Data transmission during the transient
condition is corrupted, but it can be resumed immediately
following the EFT event without user intervention.
RADIATED IMMUNITY (IEC1000-4-3)
IEC1000-4-3 (previously IEC801-3) describes the measurement
method and defines the levels of immunity to radiated electro-
magnetic fields. It was originally intended to simulate the
electromagnetic fields generated by portable radio transceivers
or any other device that generates continuous wave-radiated
electromagnetic energy. Its scope has been broadened to include
spurious EM energy, which can be radiated from fluorescent
lights, thyristor drives, inductive loads, and so on.
Testing for immunity involves irradiating the device with an
EM field. Test methods include the use of anechoic chamber,
stripline cell, TEM cell, and GTEM cell. These consist of two
parallel plates with an electric field developed between them.
The device under test is placed between the plates and exposed
to the electric field. The three severity levels have field strengths
ranging from 1 V/m to 10 V/m. Results are classified as follows:
•
Normal operation.
•
Temporary degradation or loss of function that is self-
recoverable when the interfering signal is removed.
•
Temporary degradation or loss of function that requires
operator intervention or system reset when the interfering
signal is removed.
•
Degradation or loss of function that is not recoverable due
to damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com