Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4224CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PE4224CS
Description  Hi-Surge ESD Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PE4224CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PE4224CS Datasheet HTML 1Page - Pan Jit International Inc. PE4224CS Datasheet HTML 2Page - Pan Jit International Inc. PE4224CS Datasheet HTML 3Page - Pan Jit International Inc. PE4224CS Datasheet HTML 4Page - Pan Jit International Inc. PE4224CS Datasheet HTML 5Page - Pan Jit International Inc. PE4224CS Datasheet HTML 6Page - Pan Jit International Inc. PE4224CS Datasheet HTML 7Page - Pan Jit International Inc. PE4224CS Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PE4205CS ~ PE4236CS Series
January 9,2020
PE4205CS_SERIES-REV.00
Page 2
Electrical Characteristics (TA = 25
o
C unless otherwise noted)
PE4205CS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Stand-Off Voltage
VRWM (1)
-
-
-
5
V
Reverse Breakdown Voltage
VBR
IBT = 1 mA
6
-
7.5
V
Reverse leakage current
IR
VR = 5 V
-
-
1
µA
Clamping Voltage
VCL
IPP = 1 A, tP = 8/20 µs
-
-
8
V
IPP = 25 A, tP = 8/20 µs
-
-
13.5
V
Off State Junction Capacitance
CJ
0Vdc Bias f = 1 MHz
-
-
250
pF
PE4207CS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Stand-Off Voltage
VRWM (1)
-
-
-
7
V
Reverse Breakdown Voltage
VBR
IBT = 1 mA
7.5
-
9.5
V
Reverse leakage current
IR
VR = 7 V
-
-
1
µA
Clamping Voltage
VCL
IPP = 1 A, tP = 8/20 µs
-
-
10
V
IPP = 20 A, tP = 8/20 µs
-
-
15
V
Off State Junction Capacitance
CJ
0Vdc Bias f = 1 MHz
-
-
200
pF
PE4209CS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Stand-Off Voltage
VRWM (1)
-
-
-
9
V
Reverse Breakdown Voltage
VBR
IBT = 1 mA
9.5
-
12
V
Reverse leakage current
IR
VR = 9 V
-
-
1
µA
Clamping Voltage
VCL
IPP = 1 A, tP = 8/20 µs
-
-
13
V
IPP = 15 A, tP = 8/20 µs
-
-
20
V
Off State Junction Capacitance
CJ
0Vdc Bias f = 1 MHz
-
-
180
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com