Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT08 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT08
Description  Quad 2-input AND gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT08 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT08 Datasheet HTML 1Page - NXP Semiconductors 74ABT08 Datasheet HTML 2Page - NXP Semiconductors 74ABT08 Datasheet HTML 3Page - NXP Semiconductors 74ABT08 Datasheet HTML 4Page - NXP Semiconductors 74ABT08 Datasheet HTML 5Page - NXP Semiconductors 74ABT08 Datasheet HTML 6Page - NXP Semiconductors 74ABT08 Datasheet HTML 7Page - NXP Semiconductors 74ABT08 Datasheet HTML 8Page - NXP Semiconductors 74ABT08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74ABT08
Quad 2-input AND gate
1995 Sep 18
4
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An or Bn to Yn
1
1.0
1.0
2.4
1.9
3.4
2.8
1.0
1.0
4.0
3.0
ns
tOSHL
tOSLH1
Output to Output skew
An or Bn to Yn
2
0.4
0.4
0.5
0.5
0.5
0.5
ns
NOTE:
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same
device. The specification applies to any outputs switching in the the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH);
parameter guaranteed by design.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
VM
VM
VM
Yn
An, Bn
tPHL
tPLH
SA00345
Waveform 1.
Propagation Delay for Non-Inverting Outputs
OUTPUT N
same part
INPUT
SA00381
OUTPUT
tPLH
MIN
tPHL
MIN
tPLH
MAX
tPHL
MAX
tOSLH
tOSHL
Waveform 2. Common edge skew
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
RL
VCC
Test Circuit for Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74ABT
SH00067
Amplitude
Rep. Rate
tW
tF
3.0V
1MHz
500ns
2.5ns
tR
2.5ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com