Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P451WM Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P451WM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451WM Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P451WM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P451WM Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
EM78P451
8-Bit Microcontroller with OTP ROM
12
•
Product Specification (V1.1) 06.30.2003
(This specification is subject to change without further notice)
4.2.5 IOCD (Pull-high Control Register)
7
6
5
4
3
2
1
0
S7
-
-
-
/PU9
/PU8
/PU6
/PU5
The default values of /PU5, /PU6, /PU8, and /PU9 are one, which means the pull-high
function is disabled.
/PU6 and /PU9 are “AND” gating with /PHEN, that is, when each one is written as “0”
pull high is enabled.
S7 defines the driving ability of the P70-P72.
0: Normal output.
1: Enhance the driving ability of LED.
4.2.6 IOCE (WDT Control Register)
7
6
5
4
3
2
1
0
-
ODE
WDTE
SLPC
ROC
-
-
/WUE
Bit 0 (/WUE)
Control bit used to enable the wake-up function of P60~P67, P74~P75,
and P90~P91.
0: Enable the wake-up function.
1: Disable the wake-up function.
The /WUE bit can be read and written.
Bit 3 (ROC)
ROC is used for the R-option. Setting ROC to "1" will enable the status of
R-option pins (P80, P81) to be read by the controller. Clearing ROC will
disable the R-option function. Otherwise, the R-option function is
introduced. Users must connect the P81 pin or/and P80 pin to VSS by a
560K
Ω external resistor (Rex). If Rex is connected/disconnected with
VDD, the status of P80 (P81) will be read as "0"/"1" (refer to Fig. 7(b)).
The ROC bit can be read and written.
Bit 4 (SLPC)
This bit is set by hardware at the falling edge of wake-up signal and is
cleared in software. SLPC is used to control the oscillator operation. The
oscillator is disabled (oscillator is stopped, and the controller enters the
SLEEP2 mode) on the high-to-low transition and is enabled (the
controller is awakened from SLEEP2 mode) on low-to-high transition. In
order to ensure the stable output of the oscillator, once the oscillator is
enabled again, there is a delay for approximately 18 ms (oscillator
start-up timer (OST)) before the next program instruction is executed.
The OST is always activated by wake-up from sleep mode whether the
Code Option bit ENWDT is "0" or not. After waking up, the WDT is
enabled if Code Option ENWDT is "1". The block diagram of SLEEP2
mode and wake-up caused by input triggered is depicted in Fig. 5. The
SLPC bit can be read and written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com