Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT71D03 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT71D03
Description  3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D03 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT71D03 Datasheet HTML 16Page - Exar Corporation XRT71D03 Datasheet HTML 17Page - Exar Corporation XRT71D03 Datasheet HTML 18Page - Exar Corporation XRT71D03 Datasheet HTML 19Page - Exar Corporation XRT71D03 Datasheet HTML 20Page - Exar Corporation XRT71D03 Datasheet HTML 21Page - Exar Corporation XRT71D03 Datasheet HTML 22Page - Exar Corporation XRT71D03 Datasheet HTML 23Page - Exar Corporation XRT71D03 Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
áç
áç
áç
áç
XRT71D03
3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
REV. 1.2.0
20
the falling edge of SClk Cycle #8 (see Figure 11) the
serial data output signal (SDO) becomes active. At
this point the user can begin reading the data con-
tents of the addressed Command Register (at Ad-
dress [A4, A3, A2, A1, A0]) via the SDO output pin.
The Serial Interface will output this eight bit data word
(D0 through D7) in ascending order (with the LSB
first), on the falling edges of the SClk. The data (on
the SDO output pin) is stable for reading on the very
next rising edge of the SClk.
3.1.6
Write Operation
Once the last address bit (A4) has been clocked into
the SDI input, the Write operation will proceed
through an idle period, lasting three SClk periods. Pri-
or to the rising edge of SClk Cycle #9, the eight bit
data word is applied to SDI input. Data on SDI is
latched on the rising edge of SClk.
NOTES:
1. A5 is always “0”.
2. R/W = “1” for Read Operations
3. R/W = “0” for Write Operations
4. Denotes a “don’t care” value (shaded areas)
3.1.7
Simplified Interface Option
The user can simplify the design of the circuitry con-
necting to the Microprocessor Serial Interface by ty-
ing both the SDO and SDI pins together, and reading
data from and/or writing data to this combined signal.
This simplification is possible because only one of
FIGURE 11. MICROPROCESSOR SERIAL INTERFACE DATA STRUCTURE
D0
D1
D2
D7
D6
D5
D4
D3
High Z
SDO
A0
D0
R/W
D1
A6
0
A4
A3
A2
A1
D7
D6
D5
D4
D3
D2
SDI
1234567
89
1 0
1 1
1 2
1 3
1 4
1 5
1 6
SClk
CS
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com