Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL28IV Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT83SL28IV
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL28IV Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT83SL28IV Datasheet HTML 33Page - Exar Corporation XRT83SL28IV Datasheet HTML 34Page - Exar Corporation XRT83SL28IV Datasheet HTML 35Page - Exar Corporation XRT83SL28IV Datasheet HTML 36Page - Exar Corporation XRT83SL28IV Datasheet HTML 37Page - Exar Corporation XRT83SL28IV Datasheet HTML 38Page - Exar Corporation XRT83SL28IV Datasheet HTML 39Page - Exar Corporation XRT83SL28IV Datasheet HTML 40Page - Exar Corporation XRT83SL28IV Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
xr
XRT83SL28
REV. 1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
35
TABLE 7: MICROPROCESSOR REGISTER 0X00H BIT DESCRIPTION
GLOBAL CONTROL REGISTER FOR ALL 8 CHANNELS (0X00H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
GIE
Global Interrupt Enable
The global interrupt enable is used to enable/disable all interrupt
activity for all 8 channels. This bit must be set "High" for the inter-
rupt pin to operate.
"0" = Disable all interrupt generation
"1" = Enable interrupt generation to the individual channel registers
R/W
0
D6
SR/DR
Single Rail / Dual Rail Select
This bit is used to configure the receive outputs and transmit inputs
to single rail or dual rail data formats.
"0" = Dual Rail
"1" = Single Rail
R/W
0
D5
CODE
Encoding / Decoding Select (Single Rail Mode Only)
This bit is used to select between AMI or HDB3.
"0" = HDB3
"1" = AMI
R/W
0
D4
RCLKinv
Receiver Clock Data
"0" = RPOS/RNEG data is updated on the rising edge of RCLK
"1" = RPOS/RNEG data is updated on the falling edge of RCLK
R/W
0
D3
TCLKinv
Transmitter Clock Data
"0" = TPOS/TNEG data is sampled on the falling edge of TCLK
"1" = TPOS/TNEG data is sampled on the rising edge of TCLK
R/W
0
D2
FIFOS
FIFO Depth Select
The FIFO depth select is used to configure the part for a 32-bit or
64-bit FIFO (Within the Jitter Attenuator Block). The delay of the
FIFO is typically equal to ½ the FIFO depth.
"0" = 32-bit FIFO
"1" = 64-bit FIFO
R/W
0
D1
D0
JASEL1
JASEL0
Jitter Attenuator Select
These bits are used to configure the Jitter Attenuator into the
Receive or Transmit path.
"00" = Disabled
"01" = Transmit Path
"10" = Receive Path
"11" = Disabled
R/W
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com