Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952011 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS952011
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS952011 Datasheet HTML 8Page - Integrated Circuit Systems ICS952011 Datasheet HTML 9Page - Integrated Circuit Systems ICS952011 Datasheet HTML 10Page - Integrated Circuit Systems ICS952011 Datasheet HTML 11Page - Integrated Circuit Systems ICS952011 Datasheet HTML 12Page - Integrated Circuit Systems ICS952011 Datasheet HTML 13Page - Integrated Circuit Systems ICS952011 Datasheet HTML 14Page - Integrated Circuit Systems ICS952011 Datasheet HTML 15Page - Integrated Circuit Systems ICS952011 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
Byte1 (7:0)
Hex
VCO Freq
AGP Freq
PCI Freq
72
451.02
75.17
37.59
73
452.22
75.37
37.68
74
453.41
75.57
37.78
75
454.60
75.77
37.88
76
455.80
75.97
37.98
77
456.99
76.16
38.08
78
458.18
76.36
38.18
79
459.37
76.56
38.28
7A
460.57
76.76
38.38
7B
461.76
76.96
38.48
7C
462.95
77.16
38.58
7D
464.15
77.36
38.68
7E
465.34
77.56
38.78
7F
466.53
77.76
38.88
80
467.73
77.95
38.98
81
468.92
78.15
39.08
82
470.11
78.35
39.18
83
471.31
78.55
39.28
84
472.50
78.75
39.37
85
473.69
78.95
39.47
86
474.89
79.15
39.57
87
476.08
79.35
39.67
88
477.27
79.55
39.77
89
478.47
79.74
39.87
8A
479.66
79.94
39.97
8B
480.85
80.14
40.07
8C
482.05
80.34
40.17
8D
483.24
80.54
40.27
8E
484.43
80.74
40.37
8F
485.62
80.94
40.47
90
486.82
81.14
40.57
91
488.01
81.34
40.67
92
489.20
81.53
40.77
93
490.40
81.73
40.87
94
491.59
81.93
40.97
95
492.78
82.13
41.07
96
493.98
82.33
41.16
97
495.17
82.53
41.26
Byte1 (7:0)
Hex
VCO Freq
AGP Freq
PCI Freq
98
496.36
82.73
41.36
99
497.56
82.93
41.46
9A
498.75
83.12
41.56
9B
499.94
83.32
41.66
9C
501.14
83.52
41.76
9D
502.33
83.72
41.86
9E
503.52
83.92
41.96
9F
504.72
84.12
42.06
A0
505.91
84.32
42.16
A1
507.10
84.52
42.26
A2
508.30
84.72
42.36
A3
509.49
84.91
42.46
A4
510.68
85.11
42.56
A5
511.87
85.31
42.66
A6
513.07
85.51
42.76
A7
514.26
85.71
42.86
A8
515.45
85.91
42.95
A9
516.65
86.11
43.05
AA
517.84
86.31
43.15
AB
519.03
86.51
43.25
AC
520.23
86.70
43.35
AD
521.42
86.90
43.45
AE
522.61
87.10
43.55
AF
523.81
87.30
43.65
B0
525.00
87.50
43.75
B1
526.19
87.70
43.85
B2
527.39
87.90
43.95
B3
528.58
88.10
44.05
B4
529.77
88.30
44.15
B5
530.97
88.49
44.25
B6
532.16
88.69
44.35
B7
533.35
88.89
44.45
B8
534.55
89.09
44.55
B9
535.74
89.29
44.64
BA
536.93
89.49
44.74
BB
538.12
89.69
44.84
BC
539.32
89.89
44.94
BD
540.51
90.09
45.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com