Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K-SBN18 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LRIS2K-SBN18
Description  Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-SBN18 Datasheet(HTML) 1 Page - STMicroelectronics

  LRIS2K-SBN18 Datasheet HTML 1Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 2Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 3Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 4Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 5Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 6Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 7Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
April 2006
Rev 1
1/8
1
LRIS2K
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password
13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
Feature summary
■
ISO15693 Standard Fully Compliant
■
ISO18000-3 Mode 1 Standard Fully Compliant
■
13.56MHz ±7kHz Carrier Frequency
■
To Tag: 10% or 100% ASK modulation using
1/4 (26Kbit/s) or 1/256 (1.6Kbit/s) pulse
position coding
■
From Tag: Load modulation using Manchester
coding with 423KHz and 484KHz Sub-carriers
in Low (6.6Kbit/s) or High (26Kbit/s) data rate
mode. Supports the 53Kbit/s data rate with
Fast commands
■
Internal Tuning Capacitor (18.5pF, 26pF,
97pF)
■
1,000,000 Erase/Write Cycles (minimum)
■
40 Year Data Retention (minimum)
■
2048 bits EEPROM with Block Lock Feature
■
64-bit Unique Identifier (UID)
■
Electrical Article Surveillance (EAS) capable
(software controlled)
■
KILL function
■
Multi-password protection
■
Read & Write (Block of 32 bits)
■
5ms Programming Time
Inlay A1
Wafer
www.st.com


Similar Part No. - LRIS2K-SBN18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRIS2K-SBN18 STMICROELECTRONICS-LRIS2K-SBN18 Datasheet
852Kb / 102P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
08-Apr-2008
More results

Similar Description - LRIS2K-SBN18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI512 STMICROELECTRONICS-LRI512 Datasheet
351Kb / 54P
Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
16-Jul-2002
LRI64 STMICROELECTRONICS-LRI64 Datasheet
547Kb / 38P
Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
07-Sep-2005
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
20-Jul-2007
LRI64 STMICROELECTRONICS-LRI64_07 Datasheet
523Kb / 52P
Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
19-Feb-2007
LRI64 STMICROELECTRONICS-LRI64_08 Datasheet
466Kb / 52P
Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
01-Apr-2008
LRI2K STMICROELECTRONICS-LRI2K_08 Datasheet
769Kb / 89P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
08-Apr-2008
LRIS2K STMICROELECTRONICS-LRIS2K_08 Datasheet
852Kb / 102P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
08-Apr-2008
LRI1K STMICROELECTRONICS-LRI1K Datasheet
638Kb / 86P
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
08-Nov-2010
LRIS2K STMICROELECTRONICS-LRIS2K_11 Datasheet
575Kb / 98P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
19-Sep-2011
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
27-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com