Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBB0207 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBB0207
Description  Lead (Pb)-Free Precision Leaded Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBB0207 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBB0207 Datasheet HTML 1Page - Vishay Siliconix MBB0207 Datasheet HTML 2Page - Vishay Siliconix MBB0207 Datasheet HTML 3Page - Vishay Siliconix MBB0207 Datasheet HTML 4Page - Vishay Siliconix MBB0207 Datasheet HTML 5Page - Vishay Siliconix MBB0207 Datasheet HTML 6Page - Vishay Siliconix MBB0207 Datasheet HTML 7Page - Vishay Siliconix MBB0207 Datasheet HTML 8Page - Vishay Siliconix MBB0207 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions contact: ff3cresistors@vishay.com
Document Number: 28725
58
Revision: 20-Sep-05
MBA 0204, MBB 0207, MBE 0414 - Precision
Vishay Beyschlag
Lead (Pb)-Free Precision Leaded Resistors
PACKING
MODEL
BOX
PIECES/BOX
CODE
MBA 0204
1 000
5 000
C1
CT
MBB 0207
1 000
5 000
C1
CT
MBE 0414
1 000
5 000
C1
CT
DIMENSIONS
Note
1.
For 7.5
≤ M < 10.0 mm, use version MBB 0207 ... L0 without lacquer on the leads.
Note
1.
Resistance values to be selected from E96 and E192 series, for other values please contact factory.
Resistance ranges printed in bold are preferred T.C. / tolerance combinations with optimized availability.
DIMENSIONS - leaded resistor types, mass and relevant physical dimensions
TYPE
Dmax
(mm)
Lmax
(mm)
dnom
(mm)
Imin
(mm)
Mmin
(mm)
MASS
(mg)
MBA 0204
1.6
3.6
0.5
29.0
5.0
125
MBB 0207
2.5
6.3
0.6
28.0
10.0(1)
220
MBE 0414
4.0
11.9
0.8
31.0
15.0
700
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE(1)
T.C.
TOLERANCE
MBA 0204
MBB 0207
MBE 0414
± 25 ppm/K
± 0.25 %
22
Ω to 332 kΩ
10
Ω to 1 MΩ
22
Ω to 1.5 MΩ
± 0.1 %
43
Ω to 332 kΩ
10
Ω to 1 MΩ
43
Ω to 1 MΩ
± 15 ppm/K
± 0.25 %
22
Ω to 221 kΩ
10
Ω to 1 MΩ
22
Ω to 1 MΩ
± 0.1 %
43
Ω to 221 kΩ
10
Ω to 1 MΩ
43
Ω to 1 MΩ
L
d
D
I
I
M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com