Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DH221HLECSRNT Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # DH221HLECSRNT
Description  Illuminated Pushbutton - 22, 25 & 30mm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DH221HLECSRNT Datasheet(HTML) 1 Page - CIT Relay & Switch

  DH221HLECSRNT Datasheet HTML 1Page - CIT Relay & Switch DH221HLECSRNT Datasheet HTML 2Page - CIT Relay & Switch DH221HLECSRNT Datasheet HTML 3Page - CIT Relay & Switch DH221HLECSRNT Datasheet HTML 4Page - CIT Relay & Switch DH221HLECSRNT Datasheet HTML 5Page - CIT Relay & Switch DH221HLECSRNT Datasheet HTML 6Page - CIT Relay & Switch DH221HLECSRNT Datasheet HTML 7Page - CIT Relay & Switch DH221HLECSRNT Datasheet HTML 8Page - CIT Relay & Switch DH221HLECSRNT Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2.54
[.10]
5.08
[ 20]
5.08
[20]
2.54
[10]
(2X) 0.30
[.01]
(2X) 0.40
[.02]
2.60
[ 10]
[.02]
[]
POS. 1
POS. 3
POS.2
[.77]
2.00
[.08]
Specifications and availability subject to change without notice.
Dimensions are shown for reference purposes only.
DH Rev C 11/2022
20550 Commerce Blvd, Rogers, MN 55374 USA
Sales (763) 535-2339
www.CITRelay.com
email: sales@CITRelay.com
1 of 13
Illuminated Pushbutton - 22, 25 & 30mm
DH
Actuation Force
550 ±50gF
Actuation Travel
2.5 ± .3mm
Dielectric Strength
2000Vrms min contact to contact
2000Vrms min contact to LED
Insulation Resistance
≥ 100MΩ min
Operating Temperature -25ºC to 70ºC
Storage Temperature
-25ºC to 70ºC
Electrical Ratings
2A @ 24VDC
2A @ 125VAC
1A @ 250VAC
Sealing Degree
IP67
Electrical Life
50,000 cycles typical
Contact Resistance
≤ 50mΩ initial
Actuator
Stainless Steel or Anodized Aluminum
LED Lens
Polycarbonate (PC)
Threaded Body
Stainless Steel or Anodized Aluminum
Terminal Support
Polybutylene Terephthalate (PBT)
Inner Switch Body
Polycarbonate (PC)
Contacts
Silver Alloy
Terminals
Brass, Epoxy Sealed
Hardware
One Hex Nut & One “O” Ring Supplied
Materials
Specifications
PPPPPP
PO
PO
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
OSSSSSSSSSSSSSSSSSSS.
SSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSS.
S.
SSSSSSSSSSSSSS.
SSSSSS.
SSSSSSS.
SSSSSS.
SSSSSSSSS.
S.....22222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222222
SSS
(2 )
2X))
X))
(2X)
(2X)
22X
2X)
2XX
(2X)
(22222XXXX)
XXX
2XX)
X
2X)
2X))
(2X
(2X)
((222222X
222X
2X)
2X)
XXX))
((((( ))
((( )
(( ))
(((( )))
(((( ))
((2X)
((((2222X)
(2X)
22X
22XX)
XXXXXXX
(2XX)
2X))))
((222222X)
XXXXXXXXX
(2
(((2X)
(222X
2222
(2
(2X)
2X)
XXXXXXXXXX
2XX))
((2222XXX)
XXXXXX))) 000...44440
40000
000000 4444440
000000 44444000
0000.4
000.4444444440000000
00000.444444400
00000.4
0000..444444444400000
000000 4444440
[[0
[.02
[.02
[.02
[.02
[.02
.02
[.02
02
02
0
[.0222
02
[.02
[.002
0
[.02
02
[.02
02
[02
[.02
[.022
02
[.02
[.02
[ 02
0
[.02
0
.02
[02
[.02
.0222
02
002
0002
[.02
[.02
[.02
00
[ 002
02
[.02
[.0
[.02
.02
02
[.022
[.002
[[[[ 022
[ 0 ]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]
S. 33
S 33333
S 33
22222222222222222222222222222222.0
.0
.0
.0
.00
.0
.0
.0
.000
.0
.0
.000
.0000
.000000
. 000000000000000000000000000000000000000000000000000000000000000000000000000000000000000000
2222222222222222 000000000
00000000000000000
[[[[[[[[[[[[[[.[[[[[[.[[[[.[[[[.[[[[[[[[[.[.[[[[..[.[.[.[[[[[[[[[[[[[[[[[[[[08
08
08
08
008
08
088
08
008
08
08
00888
08
08
08
008
0888888888
08
08
088888
088888888
0888888888
08
08888
088888
08
088888
08
088888
000000000000088
08
08
08
000088888888888888888]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]]
Contact Factory for
∙ Cable Assembly
ˑ Plastic Convex Actuator
ˑ Shine Through Symbols
ˑ Laser Etching


Similar Part No. - DH221HLECSRNT

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
DH221NBSRZZ CIT-DH221NBSRZZ Datasheet
715Kb / 16P
Illuminated Pushbutton - 22, 25, 28 & 30mm
More results

Similar Description - DH221HLECSRNT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
DH221NBSRZZ CIT-DH221NBSRZZ Datasheet
715Kb / 16P
Illuminated Pushbutton - 22, 25, 28 & 30mm
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com