Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC2500ATR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC2500ATR
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500ATR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC2500ATR Datasheet HTML 16Page - STMicroelectronics STLC2500ATR Datasheet HTML 17Page - STMicroelectronics STLC2500ATR Datasheet HTML 18Page - STMicroelectronics STLC2500ATR Datasheet HTML 19Page - STMicroelectronics STLC2500ATR Datasheet HTML 20Page - STMicroelectronics STLC2500ATR Datasheet HTML 21Page - STMicroelectronics STLC2500ATR Datasheet HTML 22Page - STMicroelectronics STLC2500ATR Datasheet HTML 23Page - STMicroelectronics STLC2500ATR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
General specification
STLC2500A
20/37
6
General specification
All the provided values are specified over the operational conditions (VDD and temperature)
according to the Bluetooth 1.1 and 1.2 specifications unless otherwise specified.
6.1
Receiver
To be compliant with the Bluetooth norm, an external RF filter is required to provide
minimum -17dB of attenuation in the band: 30MHz - 2000MHz and 3000MHz - 12.75GHz.
All specifications below are given at pin level and over temperature unless otherwise
specified.
Table 15.
Receiver parameters(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
RFin
Input frequency range
2402
2480
MHz
RXsens
Receiver Sensitivity
(Clean transmitter)
@ BER 0.1%
-85
dBm
RXmax
Maximum useable input
signal level
@ BER 0.1%
+15
dBm
Receiver interferer performance @BER 0.1%
C/Ico-
channel
Co-channel interference
@ Input signal
strength = -60dBm
9dB
C/I1MHz
Adjacent (
±1MHz)
interference
@ Input signal
strength = -60dBm
-2
dB
C/I+2MHz
Adjacent (+2MHz)
interference
@ Input signal
strength = -60dBm
-35
dB
C/I-2MHz
Adjacent (-2MHz)
interference
@ Input signal
strength = -67dBm
-25
dB
C/I+3MHz
Adjacent (+3MHz)
interference
@ Input signal
strength = -67dBm
-44
dB
C/I-3MHz
Adjacent (-3MHz)
interference
@ Input signal
strength = -67dBm
-37
dB
C/I≥4MHz
Adjacent (
≥±4MHz)
interference
@ Input signal
strength = -67dBm
-46
dB
Receiver inter-modulation
IMD
Inter-modulation
Measured as defined in
BT test specification.
-35
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com