Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD Datasheet(PDF) 4 Page - AVX Corporation

Part # RHD
Description  Radial Leaded Aluminum Hybrid Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RHD Datasheet(HTML) 4 Page - AVX Corporation

  RHD Datasheet HTML 1Page - AVX Corporation RHD Datasheet HTML 2Page - AVX Corporation RHD Datasheet HTML 3Page - AVX Corporation RHD Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
37
STORAGE
• Store with the temperature range between 5 to 35°C (If between 35 to 85°C, it should be less than three months), and the relative humidity of 75% without
direct sunshine and store in the package states if possible.
• It is recommended that you open the bag just before use and use up as early as possible.
• Store the capacitors in places free from water, oil or salt water or in condensation status.
• Never store in any area filled with poisonous gases (including hydrogen sulfide, sulfurous acid, nitrous acid, chlorine and ammonia).
• Store the capacitors in places free from ozone, ultraviolet rays or radiation:
(Radial Lead Type)
Before unseal: within 1 year after delivery
After opening: within 1 month
RHD Series
Size
Code
Bulk Pack
Ammo Pack
Bags
Inner Box
Carton
Inner Box
Carton
(LxWxH)
290*215*160
(LxWxH)
455*310*350
Quantity
Inner Box
Size
Inner Box
Quantity
Carton Size
Whole
Pieces
Quantity
Bags
Number
Quantity /
pcs
Inner Box
Number
Quantity /
pcs
(LxWxH)
(LxWxH)
0605
1000
8
8000
4
32,000
2000
340x290x48
10
600x354x265
20,000
0607
1000
8
8000
4
32,000
2000
340x290x48
10
600x354x265
20,000
0608
1000
8
8000
4
32,000
2000
340x290x48
10
600x354x265
20,000
0810
500
8
4000
4
16,000
950
320x230x50
10
485x345x275
9500
0814
500
8
4000
4
16,000
950
320x230x50
10
485x345x275
9500
1010
500
6
3000
4
12,000
600
320x230x50
10
485x345x275
6000
1012
500
6
3000
4
12,000
600
320x230x50
10
485x345x275
6000
PACKING
AMMO PACKING
BULK PACKING
TDS-ALUM-0017 | Rev 0
Radial Leaded Aluminum Hybrid
Electrolytic Capacitors
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com