Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPA1010331M025 Datasheet(PDF) 3 Page - AVX Corporation

Part # RPA1010331M025
Description  Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RPA1010331M025 Datasheet(HTML) 3 Page - AVX Corporation

  RPA1010331M025 Datasheet HTML 1Page - AVX Corporation RPA1010331M025 Datasheet HTML 2Page - AVX Corporation RPA1010331M025 Datasheet HTML 3Page - AVX Corporation RPA1010331M025 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
40
Radial Leaded Aluminum Conductive
Polymer Electrolytic Capacitors
RPA Series
FREQUENCY COEFFICIENT OF PERMISSIBLE RIPPLE CURRENT
Frequency
120
≦F(Hz)<1k 1k≦F(Hz)<10k 10k≦F(Hz)<100k 100k≦F<500kHz
Coefficient
0.05
0.30
0.70
1.00
QUALIFICATION TABLE
Test
RPA Series (Temperature Range -55°C to +105°C)
Condition
Characteristics
Endurance
The following specifications shall be satisfied
when the capacitors are restored to 20°C after
the rated voltage is applied for 5000 hours at 105°C.
Visual examination
no visible damage
ΔC/C
≦±20%oftheinitiallimit
DF:
≦150%oftheinitialspecifiedlimit
ESR:
≦150%oftheinitialspecifiedlimit
DCL:
≦Initialspecifiedlimit
Damp Heat (Steady
State)
The following specifications shall be satisfied when
the capacitors are restored to 20°C after subjecting
them to store at 60°C, 90 to 95% RH for 1000 hours,
without DC applied.
Visual examination
no visible damage
ΔC/C
≦±20%oftheinitiallimit
DF:
≦150%oftheinitialspecifiedlimit
ESR:
≦150%oftheinitialspecifiedlimit
DCL:
≦Initialspecifiedlimit
Surge Voltage
The capacitors shall be subjected to 1000 cycles
each consisting of charge with the surge voltages
specified at 105°C for 30 seconds
through a protective resistor (R = 1 kΩ) and
discharge for 5 minutes 30 seconds.
Visual examination
no visible damage
ΔC/C
≦±20%oftheinitiallimit
DF:
≦150%oftheinitialspecifiedlimit
ESR:
≦150%oftheinitialspecifiedlimit
DCL:
≦Initialspecifiedlimit
RATINGS & PART NUMBER REFERENCE
TDS-ALUM-0018 | Rev 0
Part No.
Case
Size
Capacitance
(µF)
Rated Voltage
(V)
DCL Max.
(µA)
DF Max.
(%)
ESR Max.
@100kHz (mΩ)
100kHz RMS Current
(mA)
RPA1010681M016*
1010
680
16
2176
12
15
5100
RPA1012821M016*
1012
820
16
2624
12
15
5400
RPA1012102M016*
1012
1000
16
3200
12
15
5400
25 Volt
RPA0606470M025*
0606
47
25
300
12
40
1500
RPA0609101M025*
0609
100
25
500
12
30
2500
RPA0808181M025*
0808
180
25
900
12
30
3260
RPA0812221M025*
0812
220
25
1100
12
30
3520
RPA1010331M025*
1010
330
25
1650
12
20
3850
RPA1012471M025*
1012
470
25
2350
12
25
4020
35 Volt
RPA0606220M035*
0606
22
35
300
12
70
1450
RPA0608680M035*
0608
68
35
476
12
60
1520
RPA0808121M035*
0808
120
35
840
12
30
2100
RPA0812151M035*
0812
150
35
1050
12
26
2800
RPA1010221M035*
1010
220
35
1540
12
30
3050
RPA1012271M035*
1012
270
35
1890
12
26
3650
50 Volt
RPA0606100M050*
0606
10
50
300
12
90
900
RPA0608330M050*
0608
33
50
330
12
60
1500
RPA0808470M050*
0808
47
50
470
12
32
2000
RPA0812680M050*
0812
68
50
680
12
28
2200
RPA1010101M050*
1010
100
50
1000
12
32
2350
RPA1012101M050*
1012
100
50
1000
12
28
2550
* Used to denote packing type: “K” for Ammo Pack or “B” for Bulk.
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com