Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-PDISO8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-PDISO8
Description  USB DIO High Voltage and Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-PDISO8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-PDISO8 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
USB-PDISO8, USB-ERB, and USB-SSR Series
Relay Contacts and
Connectors
USB-PDISO8/USB-ERB Series Only
The USB-PDISO8 and USB-ERB Series
devices provide screw terminal con-
nections to the relay contacts. The
USB-PDISO8/40 provides relay connec-
tions through a 40 pin connector.
Each relay has a normally closed (NC),
common (C), and normally open (NO)
contact. Relays on all devices are con-
trolled by digital I/O lines.
SSR Digital I/O Control
Modules
USB-SSR Series Only
The USB-SSR08 provides mounting loca-
tions for eight SSR digital I/O modules,
and the USB-SSR24 provides mounting
locations for 24 SSR modules.
SSR digital I/O modules are relay con-
trol modules that provide 4000 Vrms of
optical isolation. Digital input modules
sense AC/DC voltages from field devices
and convert them to digital TTL signals.
Digital output modules use TTL signals to
switch and control AC/DC loads.
A wide selection of SSR digital I/O
modules are available to switch or sense a
large range of AC or DC voltages.
The SSR modules use a standard color
scheme to help quickly identify the mod-
ule type installed.
Compatible SSR modules are available sepa-
rately (refer to SSR Digital I/O Modules on
page 10).
Features
• USB-PDISO8 Series
− 8 Form C relays
− 8 isolated AC or DC inputs
• USB-ERB Series
− 8 or 24 Form C single-
pole double-throw (SPDT)
electromechanical relays.
• USB-SSR Series
− 8 or 24 input or output
channels to control and
monitor solid state relays.
• Screw terminal or header
connectors
• Heavy-duty chassis with
integrated mounting slots
• Includes external power supply
(required for all devices)
Supported Operating Systems
• Windows
11/10/8/7/Vista®/XP
32/64-bit
• Linux®
USB-PDISO8 Series
USB-ERB Series
USB-SSR Series
Overview
Measurement Computing DIO high voltage and relay USB product offerings include
the USB-PDISO8 Series, USB-ERB Series, and USB-SSR Series.
The USB-PDISO8 Series offers eight isolated AC or DC inputs and eight electro-
mechanical relays in a single digital I/O system. The USB-ERB Series enables a PC
or laptop to control eight to 24 electromechanical relays.
The USB-SSR Series can monitor and control eight to 24 standard size solid state
relay (SSR) I/O modules (relays sold separately).
All devices in these series come in a heavy-duty metal enclosure with integrated
mounting slots, which ensures that the devices are rugged enough for any DAQ
application.
USB-PDISO8 Series, USB-ERB Series, and USB-SSR Series Selection Chart
Model
Relay Channels
Contact Rating
Daisy Chain Support*
Signal I/O Connector
USB-PDISO8
8 Form C (SPDT)
6 amps at 240 VAC/28 VDC
40-pin screw terminal
USB-PDISO8/40
8 Form C (SPDT)
6 amps at 240 VAC/28 VDC
40-pin header connector
USB-ERB08
8 Form C (SPDT)
6 amps at 240 VAC/28 VDC
24-pin screw terminal
USB-ERB24
24 Form C (SPDT)
6 amps at 240 VAC/28 VDC
72-pin screw terminal
USB-SSR08
8 Solid State Relay Modules
16-pin screw terminal
USB-SSR24
24 Solid State Relay Modules
48-pin screw terminal
* Use standard/included USB cable for communications daisy chain; user-supplied custom cable required for power daisy chain


Similar Part No. - USB-PDISO8

ManufacturerPart #DatasheetDescription
logo
Level One
USB-0301 LVL1-USB-0301 Datasheet
374Kb / 4P
A single USB port 10/100Mbps wire speed transmission and reception Supports IPv4/IPv6 network operation
USB-0401 LVL1-USB-0401 Datasheet
460Kb / 3P
Gigabit USB Network Adapter
USB-0502 LVL1-USB-0502 Datasheet
466Kb / 5P
A single USB port 10/100/1000Mbps wire speed transmission and reception Built-in 3-Port Super Speed USB 3.0 hub
logo
List of Unclassifed Man...
USB-1024HLS ETC-USB-1024HLS Datasheet
836Kb / 7P
USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
USB-1024LS ETC-USB-1024LS Datasheet
836Kb / 7P
USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
More results

Similar Description - USB-PDISO8

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
High Breakdown Voltage Relay
logo
GETAI ELECTRONICS DEVIC...
2CL79 GETEDZ-2CL79_17 Datasheet
637Kb / 2P
High Voltage Silicon Rectifier Dio
logo
Sanyou Corporation Limi...
SEC100 SANYOU-SEC100 Datasheet
658Kb / 3P
High Voltage DC Relay
SEC150 SANYOU-SEC150 Datasheet
608Kb / 3P
High Voltage DC Relay
SEP350 SANYOU-SEP350 Datasheet
753Kb / 4P
High Voltage DC Relay
SEV60 SANYOU-SEV60 Datasheet
487Kb / 3P
High Voltage DC Relay
SEV300 SANYOU-SEV300 Datasheet
609Kb / 5P
High Voltage DC Relay
logo
ZIEHL industrie-elektro...
SPI1021 ZIEHL-SPI1021 Datasheet
448Kb / 2P
Voltage- and Frequency-Relay SPI1021
UFR1001E ZIEHL-UFR1001E Datasheet
1Mb / 2P
Voltage and Frequency Relay UFR1001E
logo
List of Unclassifed Man...
USB-3100 ETC-USB-3100 Datasheet
830Kb / 7P
USB Voltage and Current Output
December 2018. Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com