Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSK489B Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LSK489B
Description  Low Noise, Monolithic Dual N-Channel JFET Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK489B Datasheet(HTML) 2 Page - Linear Integrated Systems

  LSK489B Datasheet HTML 1Page - Linear Integrated Systems LSK489B Datasheet HTML 2Page - Linear Integrated Systems LSK489B Datasheet HTML 3Page - Linear Integrated Systems LSK489B Datasheet HTML 4Page - Linear Integrated Systems LSK489B Datasheet HTML 5Page - Linear Integrated Systems LSK489B Datasheet HTML 6Page - Linear Integrated Systems LSK489B Datasheet HTML 7Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Doc 201151 04/12/2022 Rev# A40 ECN# LSK489
www.linearsystems.com
Page 2 of 7
LSK489A/B
Low Noise, Low Capacitance, Monolithic Dual N-Channel JFET Amplifier
Matching Characteristics @ 25°C (unless otherwise stated)
Symbol
Characteristic
Min.
Typ.
Max
Units
Conditions
GS2
GS1
V
V
−
Differential Gate to Source Cutoff
Voltage
-
8
20
m
V
VDS = 10V, ID = 1mA
DSS2
DSS1
I
I
Gate to Source Saturation Current Ratio
0.9
-
1.0
-
VDS = 10V, VGS = 0V
CMRR
Common Mode Rejection Ratio
-
20 log│∆VGS1-2/∆VDS│
95
102
-
dB
VDS = 10V to 20V, ID = 200µA
en
Noise Voltage
-
1.8
-
nV/
√Hz
VDS = 15V, ID = 2.0mA, f = 1kHz,
NBW = 1Hz
en
Noise Voltage
-
3.5
-
nV/
√Hz
VDS = 15V, ID = 2.0mA, f = 10Hz,
NBW = 1Hz
CISS
Common Source Input Capacitance
-
4
-
pF
VDS = 15V, ID = 500µA, f = 1MHz
CRSS
Common Source Reverse Transfer
Capacitance
-
2
-
pF
Electrical Characteristics @ 25°C (unless otherwise stated)
Symbol
Characteristic
Min.
Typ.
Max
Units
Conditions
BVGSS
Gate to Source Breakdown Voltage
-60
-
-
V
VDS = 0, ID = -1nA
V(BR)G1 - G2
Gate to Gate Breakdown Voltage
±30
±45
-
V
IG= ±1µA, ID=IS=0 A (Open Circuit)
VGS(OFF)
Gate to Source Pinch-off Voltage
-1.5
-
-3.5
V
VDS = 15V, ID = 1nA
VGS
Gate to Source Operating Voltage
-0.5
-
-3.5
V
VDS = 15V, ID = 500µA
IDSS
Drain to Source
Saturation Current
LSK489A
2.5
5.5
8.5
mA
VDG = 15V, VGS = 0
LSK489B
8.0
11.5
15.0
IG
Gate Operating Current
-
-2
-25
pA
VDG = 15V, ID = 200µA
-
-0.8
-10
nA
TA = 125°C
IGSS
Gate to Source Leakage Current
-
-
-100
pA
VDG = -15V, VDS = 0
Gfs
Full Conductance Transconductance
1500
-
-
µS
VDG = 15V, VGS = 0, f = 1kHz
Gfs
Transconductance
1000
1500
-
µS
VDG = 15V, ID = 500µA
GOS
Full Output Conductance
-
-
40
µS
VDG = 15V, VGS = 0
GOS
Output Conductance
-
1.8
2.7
µS
VDG = 15V, ID = 200µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com