Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3-LS Datasheet(PDF) 2 Page - New Scale Technologies, Inc.

Part # M3-LS
Description  All-in-one USB micro stage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWSCALE [New Scale Technologies, Inc.]
Direct Link  https://www.newscaletech.com/
Logo NEWSCALE - New Scale Technologies, Inc.

M3-LS Datasheet(HTML) 2 Page - New Scale Technologies, Inc.

  M3-LS Datasheet HTML 1Page - New Scale Technologies, Inc. M3-LS Datasheet HTML 2Page - New Scale Technologies, Inc. M3-LS Datasheet HTML 3Page - New Scale Technologies, Inc. M3-LS Datasheet HTML 4Page - New Scale Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M3-LS Linear Smart Stage
2 | New Scale Technologies, Inc. ~ w w w . n e w s c a l e t e c h . c o m ~ Phone (585) 924-4450
Specifications
M3-LS Linear Smart Stage specifications
MODEL
M3-LS-1.8-6
Stroke
6 mm
Dimensions
29 x 20 x 9.5 mm
Mass of Smart Stage
8.4 grams
Moving mass (vertical) (note 1)
≤ 10 grams recommended
Moving mass (horizontal) (note 1)
≤ 20 grams (offset < 10 mm) recommended
Force (operating)
0.2 N
Speed (at operating force)
5 mm/s
Closed-loop performance
Resolution
0.5
m with absolute encoding
Bi-directional repeatability
< 5
m
Accuracy
< 20
m
Input Power
3.3 V DC
< 0.75 W typical at 5 mm/s, closed-loop (2 W max.)
Mechanical stage
Static parallelism
< 30
m
Runout
< 10
m
Pitch and yaw
< 1 mrad
Absolute maximum load
10 N
Environment
Relative humidity
< 70%
Operating temperature (note 2)
-30 °C to +70 °C
Storage temperature
-40 °C to +80 °C
Lifetime (note 3)
>10 million random moves while not exceeding 1.2 km total
travel. See note 3.
Compliance
CE / RoHS
Drive electronics
Integrated into the smart stage
Control interface
Via USB adapter from PC
or
directly to I
2C or SPI serial interface
Note 1: Higher mass is possible but will affect performance and lifetime.
Note 2: Speed and force reduced at lower temperatures within the range.
Note 3: Corresponds to 10 million moves with an average random move of 120 µm. Lifetime depends on the application
and use case. Please consult the factory to discuss your specific system design.
M3 smart module platform
The M3-LS Linear Smart Stage is
built on New Scale’s M3 micro-
mechatronic “smart module”
platform, integrating a patented
piezoelectric SQUIGGLE® micro
motor, precision mechanical guide
system, position sensor,
microprocessor, and drive electronics
into one tiny package.
Eliminating the need for external
controllers, M3 smart modules offer
the smallest system size and easiest
integration into OEM systems. They
operate on 3.3 V DC input, accept
high-level motion commands, and
hold position with power off.
Multi-axis systems: Create
miniature X-Y or X-Y-Z smart stages
using two or three M3-LS Linear
Smart Stages.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com