Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP80N240K6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP80N240K6
Description  N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N240K6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP80N240K6 Datasheet HTML 3Page - STMicroelectronics STP80N240K6 Datasheet HTML 4Page - STMicroelectronics STP80N240K6 Datasheet HTML 5Page - STMicroelectronics STP80N240K6 Datasheet HTML 6Page - STMicroelectronics STP80N240K6 Datasheet HTML 7Page - STMicroelectronics STP80N240K6 Datasheet HTML 8Page - STMicroelectronics STP80N240K6 Datasheet HTML 9Page - STMicroelectronics STP80N240K6 Datasheet HTML 10Page - STMicroelectronics STP80N240K6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Figure 13. Typical reverse diode forward characteristics
GADG240620211247SDF
1.0
0.9
0.8
0.7
0.6
0.5
2
4
6
8
10
12
14
VSD
(V)
ISD (A)
Tj = -50 °C
Tj = 25 °C
Tj = 150 °C
Figure 14. Typical inductive load switching energy vs ID
GADG240620211251SLI
90
60
30
0
0
3
6
9
12
E
(μJ)
ID (A)
Eon
RG = 4.7 Ω
Eoff
Figure 15. Typical inductive load switching energy vs RG
GADG240620211252SLG
120
80
40
0
0
9
18
27
36
45
E
(μJ)
RG (Ω)
ID = 7 A
Eon
Eoff
STP80N240K6
Electrical characteristics (curves)
DS13772 - Rev 3
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com