Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7ABT373APWDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 7ABT373APWDH
Description  Octal transparent latch 3-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7ABT373APWDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 7ABT373APWDH Datasheet HTML 3Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 4Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 5Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 6Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 7Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 8Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 9Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 10Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
74ABT373A
Octal transparent latch (3-State)
1995 Feb 17
7
TEST CIRCUIT AND WAVEFORM
PULSE
GENERATOR
RT
VIN
VOUT
CL
RL
VCC
RL
7.0V
Test Circuit for 3-State Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74ABT
3.0V
1MHz
500ns
2.5ns
2.5ns
SWITCH POSITION
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SA00012
D.U.T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com