Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA232 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA232 Datasheet HTML 26Page - Texas Instruments INA232 Datasheet HTML 27Page - Texas Instruments INA232 Datasheet HTML 28Page - Texas Instruments INA232 Datasheet HTML 29Page - Texas Instruments INA232 Datasheet HTML 30Page - Texas Instruments INA232 Datasheet HTML 31Page - Texas Instruments INA232 Datasheet HTML 32Page - Texas Instruments INA232 Datasheet HTML 33Page - Texas Instruments INA232 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
8.3 Power Supply Recommendations
Figure 8-2 shows that the device input circuitry can accurately measure signals on common-mode voltages
beyond the power-supply voltage, VS. For example, the voltage applied to the vs. power supply pin can be 5 V,
whereas the bus power-supply voltage being monitored (the common-mode voltage) can be as high as 48 V.
The device can also withstand the full -0.3 V to 48 V range at the input pins, regardless of whether the device
has power applied or not.
Place the required power-supply bypass capacitors as close as possible to the supply and ground pins of the
device to ensure stability. A typical value for this supply bypass capacitor is 0.1 µF. Applications with noisy or
high-impedance power supplies can require additional decoupling capacitors to reject power-supply noise.
8.4 Layout
8.4.1 Layout Guidelines
Connect the input pins (IN+ and IN–) to the sensing resistor using a Kelvin connection or a 4-wire connection.
These connection techniques ensure that only the current-sensing resistor impedance is detected between
the input pins. Poor routing of the current-sensing resistor commonly results in additional resistance present
between the input pins. Given the very low ohmic value of the current-sensing resistor, any additional high-
current carrying impedance causes significant measurement errors. Place the power-supply bypass capacitor as
close as possible to the supply and ground pins.
8.4.2 Layout Example
CBYPASS
Supply Voltage (VS):
1.7 V to 5.5 V
Bus Voltage
RPULLUP3
I
2C Voltage:
1.2 V to 5.5 V
Device Address:
Connect to SDA,
SCL, VS, or GND
VIA to GND
Plane
I
2C Clock
I
2C Alert
I
2C Data
RPULLUP2
RPULLUP1
Load
4
IN+
IN-
GND
VS
ALERT
A0
SDA
SCL
3
2
6
5
7
8
1
SOT23-8
Figure 8-5. INA232 Layout Example DDF (High Side)
INA232
SBOSAA2 – DECEMBER 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com