Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA236AIDDFR Datasheet(PDF) 2 Page - Texas Instruments

Part # INA236AIDDFR
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236AIDDFR Datasheet(HTML) 2 Page - Texas Instruments

  INA236AIDDFR Datasheet HTML 1Page - Texas Instruments INA236AIDDFR Datasheet HTML 2Page - Texas Instruments INA236AIDDFR Datasheet HTML 3Page - Texas Instruments INA236AIDDFR Datasheet HTML 4Page - Texas Instruments INA236AIDDFR Datasheet HTML 5Page - Texas Instruments INA236AIDDFR Datasheet HTML 6Page - Texas Instruments INA236AIDDFR Datasheet HTML 7Page - Texas Instruments INA236AIDDFR Datasheet HTML 8Page - Texas Instruments INA236AIDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Timing Requirements (I2C)......................................... 7
6.7 Timing Diagram ..........................................................7
6.8 Typical Characteristics................................................ 8
7 Detailed Description......................................................12
7.1 Overview................................................................... 12
7.2 Functional Block Diagram......................................... 12
7.3 Feature Description...................................................12
7.4 Device Functional Modes..........................................14
7.5 Programming............................................................ 16
7.6 Register Maps...........................................................19
8 Application and Implementation.................................. 24
8.1 Application Information............................................. 24
8.2 Typical Application.................................................... 28
8.3 Power Supply Recommendations.............................31
8.4 Layout....................................................................... 31
9 Device and Documentation Support............................33
9.1 Device Support......................................................... 33
9.2 Documentation Support............................................ 33
9.3 Receiving Notification of Documentation Updates....33
9.4 Support Resources................................................... 33
9.5 Trademarks...............................................................33
9.6 Electrostatic Discharge Caution................................33
9.7 Glossary....................................................................33
10 Mechanical, Packaging, and Orderable
Information.................................................................... 33
4 Revision History
Changes from Revision B (May 2022) to Revision C (December 2022)
Page
• Added DDF package.......................................................................................................................................... 1
• Updated Table 7-1 to show the INA236 device options ................................................................................... 16
Changes from Revision A (August 2021) to Revision B (May 2022)
Page
• Changed Figure 6-18 .........................................................................................................................................8
• Changed the full recovery time from power-down mode from: 40 ms to: 100 µs............................................. 15
Changes from Revision * (May 2021) to Revision A (August 2021)
Page
• Changed data sheet title from: INA236 48-V, 16-Bit, High-Precision, Current, Voltage, and Power Monitor with
an I2C Interface to: INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor with an I2C
Interface..............................................................................................................................................................1
• Changed data sheet status from Advanced Information to Production Data......................................................1
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com