Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M09RC Datasheet(PDF) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M09RC
Description  8 SOUNDS 9 KEYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M09RC Datasheet(HTML) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

  M09RC Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M09RC Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8 SOUNDS 9 KEYS
8 音效 9 鍵 IC
2/2
2012-04-09
SOUND EFFECT
M09
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PAD ASSIGNMENT & POSITION
* CHIP SIZE ~ 1.56 X 1.70 mm
2
* IC substrate should be connected to VDD in PCB ( PCB 上 IC 必須接 VDD )
( 以上電路及規格僅供參考,本公司得逕行修正 )
UNIT : um
No.
NAME
X
Y
1
LH
652
720
2
VSS
-316.8
720
3
LED
-484.8
720
4
VDD
-652.8
720
5
BZ
-652.8
334.4
6
BB
-652.8
-11.2
7
K9
-652
-271.2
8
K8
-652
-431.2
9
K7
-609.6
-724
10
K6
-373.6
-724
11
K5
-213.6
-724
12
K4
22.4
-724
13
K3
182.4
-724
14
K2
418.4
-724
15
K1
652
-648
16
X
652
-39.2
17
Y
652
307.2
18
TEST
652
467.2
X
Y
1
2
3
4
5
6
7
8
15
18
12
11
10
9
17
16
14
13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com