Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1143AP Datasheet(PDF) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M1143AP
Description  BLINKING LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M1143AP Datasheet(HTML) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

  M1143AP Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M1143AP Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLINKING LED
LED 閃爍 IC
2/2
2012-04-06
LED FLASH
M1142A/M1143A
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PAD ASSIGNMENT & POSITION
* CHIP SIZE ~ 0.78 x 0.56 mm
2
* IC substrate should be connected to VDD in PCB (PCB 上 IC 必須接 VDD)
UNIT : um
No.
NAME
X
Y
1
VSS
33.1
152.2
2
LED
-149.2
152.2
3
VDD
-265
-152.2
4
TEST
-82.6
-152.2
( 0,0 )
1
2
3
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com