Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3311EARSZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADM3311EARSZ
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARSZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM3311EARSZ Datasheet HTML 12Page - Analog Devices ADM3311EARSZ Datasheet HTML 13Page - Analog Devices ADM3311EARSZ Datasheet HTML 14Page - Analog Devices ADM3311EARSZ Datasheet HTML 15Page - Analog Devices ADM3311EARSZ Datasheet HTML 16Page - Analog Devices ADM3311EARSZ Datasheet HTML 17Page - Analog Devices ADM3311EARSZ Datasheet HTML 18Page - Analog Devices ADM3311EARSZ Datasheet HTML 19Page - Analog Devices ADM3311EARSZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Rev. J | Page 17 of 20
R1
C1
ESD TEST METHOD
R2
C1
IEC1000-4-2
1.5kΩ
100pF
HUMAN BODY MODEL
ESD ASSOC. STD 55.1
330Ω
150pF
DEVICE
UNDER TEST
HIGH
VOLTAGE
GENERATOR
R2
Figure 34. ESD Test Standards
100
90
36.8
10
TIME
t
tDL
tRL
Figure 35. Human Body Model ESD Current Waveform
100
90
10
TIME
t
30ns
60ns
0.1ns TO 1ns
Figure 36. IEC1000-4-2 ESD Current Waveform
The ADM3307E/ADM3310E/ADM3311E/ADM3312E/
ADM3315E devices are tested using both of the previously
mentioned test methods. All pins are tested with respect to all
other pins as per the Human Body Model, ESD Assoc. Std. 55.1
specification. In addition, all I/O pins are tested as per the IEC
1000-4-2 test specification. The products were tested under the
following conditions:
Power-On—Normal Operation
Power-Off
There are four levels of compliance defined by IEC 1000-4-2.
The ADM3307E/ADM3310E/ADM3311E/ADM3312E/
ADM3315E devices meet the most stringent compliance level
for both contact and air-gap discharge. This means the products
are able to withstand contact discharges in excess of 8 kV and
airgap discharges in excess of 15 kV.
Table 9. IEC 1000-4-2 Compliance Levels
Level
Contact Discharge (kV)
Air Discharge (kV)
1
2
2
2
4
4
3
6
8
4
8
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com