Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3313EVPBF Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3313EVPBF
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3313EVPBF Datasheet(HTML) 3 Page - Analog Devices

  LTC3313EVPBF Datasheet HTML 1Page - Analog Devices LTC3313EVPBF Datasheet HTML 2Page - Analog Devices LTC3313EVPBF Datasheet HTML 3Page - Analog Devices LTC3313EVPBF Datasheet HTML 4Page - Analog Devices LTC3313EVPBF Datasheet HTML 5Page - Analog Devices LTC3313EVPBF Datasheet HTML 6Page - Analog Devices LTC3313EVPBF Datasheet HTML 7Page - Analog Devices LTC3313EVPBF Datasheet HTML 8Page - Analog Devices LTC3313EVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3313
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VIN = 3.3V, VEN = VIN, MODE/SYNC = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
Operating Supply Voltage (VIN)
l
2.25
5.5
V
VIN Undervoltage Lockout
VIN Undervoltage Lockout Hysteresis
VIN Rising
l
2.0
2.1
150
2.2
V
mV
VIN Quiescent Current
VIN Quiescent Current in Shutdown
(Note 4)
VEN = 0.1V
1.3
1
2.0
2
mA
μA
EN Threshold
EN Hysteresis
VEN Rising
l
0.375
0.4
60
0.425
V
mV
EN Pin Leakage Current
VEN = 0.4V
±20
nA
Voltage Regulation
Regulated Feedback Voltage (VFB)
l
495
500
505
mV
Feedback Pin Input Current
VFB = 0.5V
±20
nA
Error Amp Transconductance
1
ms
Error Amp Source/Sink Current
±45
µA
Top Switch Current Limit
VOUT/VIN ≤ 0.2, Current Out of SW
l
18
21
24
A
Bottom Switch Current Limit (IVALLEY(MAX))
Current Out of SW
l
15
17
19
A
Top Switch ON-Resistance
8
mΩ
Bottom Switch ON-Resistance
3
mΩ
SW Leakage Current
VEN = 0.1V
±100
nA
VITH to IPEAK Current Gain
31
A/V
Minimum On-Time
l
35
60
ns
Maximum Duty Cycle
l
100
%
Power Good/Soft-Start/Temp Monitor
PGOOD Rising Threshold
PGOOD Hysteresis
As a Percentage of the Regulated VOUT
l
l
97
0.5
98
1
99
1.5
%
%
Overvoltage Rising Threshold
Overvoltage Hysteresis
As a Percentage of the Regulated VOUT
l
l
106
1
110
2.5
114.5
3.5
%
%
PGOOD Leakage Current
VPGOOD = 5.5V
20
nA
PGOOD Pull-Down Resistance
VPGOOD = 0.1V
12
20
Ω
PGOOD Delay
125
µs
PGOOD Input Threshold
PGOOD Input Hysteresis
Multiphase Mode, Rising
l
390
440
130
490
mV
mV
Soft-Start Charge Current
VSSTT = 0.5V
l
7
10
13
µA
Temp Monitor Slope
4
mV/°C
Oscillator and MODE/SYNC
Switching Frequency Range
RT-Programmed
l
0.5
5
MHz
Switching Frequency
RT = 274k
l
1.8
2
2.2
MHz
Synchronization Frequency Range
RT = VIN
l
0.5
2.25
MHz
Default Frequency
RT = VIN
l
1.8
2
2.2
MHz
SYNC Level High on MODE/SYNC
SYNC Level Low on MODE/SYNC
l
l
1.2
0.4
V
V
Minimum MODE/SYNC Pulse Width
40
ns
MODE/SYNC Input Resistance
200
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com