Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3370 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 3Page - Analog Devices LTC3370 Datasheet HTML 4Page - Analog Devices LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3302
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 3.3V, TA = 25°C, unless otherwise noted.
Efficiency, VIN = 2.5V,
Burst Mode Operation
Efficiency, VIN = 3.3V,
Burst Mode Operation
Efficiency, VIN = 5V,
Burst Mode Operation
TDK TFM201610ALMA SERIES INDUCTORS
VOUT = 0.5V, L = 150nH
VOUT = 0.75V, L = 150nH
VOUT = 1.0V, L = 240nH
VOUT = 1.2V, L = 240nH
VOUT = 1.8V, L = 330nH
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
50
55
60
65
70
75
80
85
90
95
100
3302 G25
fSW = 6MHz
TDK TFM201610ALMA SERIES INDUCTORS
VOUT = 0.5V, L = 150nH
VOUT = 0.75V, L = 150nH
VOUT = 1.0V, L = 240nH
VOUT = 1.2V, L = 240nH
VOUT = 1.8V, L = 330nH
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
50
55
60
65
70
75
80
85
90
95
100
3302 G26
fSW = 6MHz
TDK TFM201610ALMA SERIES INDUCTORS
VOUT = 1.0V, L = 240nH
VOUT = 1.2V, L = 240nH
VOUT = 1.8V, L = 330nH
VOUT = 2.5V, L = 330nH
VOUT = 3.3V, L = 330nH
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
50
55
60
65
70
75
80
85
90
95
100
3302 G27
fSW = 6MHz
Start-Up Waveforms,
Burst Mode Operation
Start-Up Waveforms,
Pulse-Skipping Mode
Start-Up Waveforms,
Forced Continuous Mode
Load Transient Response,
Forced Continuous Mode
Load Transient Response,
Pulse-Skipping Mode
Load Transient Response,
Burst Mode Operation
3.3V TO 1.2V, 2MHz
RLOAD = 120Ω
200µs/DIV
EN
2V/DIV
VOUT
500mV/DIV
PGOOD
1V/DIV
IL
500mA/DIV
3302 G28
3.3V TO 1.2V, 2MHz
RLOAD = 120Ω
250µs/DIV
EN
1V/DIV
VOUT
1V/DIV
PGOOD
1.5V/DIV
IL
500mA/DIV
3302 G29
3.3V TO 1.2V, 2MHz
RLOAD = 120Ω
200µs/DIV
EN
2V/DIV
VOUT
500mV/DIV
PGOOD
1V/DIV
IL
500mA/DIV
3302 G30
3.3V TO 1.2V, 2MHz
COUT = 20µF, L = 680nH
LOAD STEP: 0.1A TO 1.5A AT 5A/µs
10µs/DIV
VOUT
1.2V
50mV/DIV
ILOAD
1A/DIV
IL
1A/DIV
3302 G31
3.3V TO 1.2V, 2MHz
COUT = 20µF, L = 680nH
LOAD STEP: 0.1A TO 1.5A AT 5A/µs
10µs/DIV
VOUT
1.2V
50mV/DIV
ILOAD
1A/DIV
IL
1A/DIV
3302 G32
3.3V TO 1.2V, 2MHz
COUT = 20µF, L = 680nH
LOAD STEP: 0.1A TO 1.5A AT 5A/µs
10µs/DIV
VOUT
1.2V
50mV/DIV
ILOAD
1A/DIV
IL
1A/DIV
3302 G33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com