Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5825 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CS5825
Description  28:4 LVDS Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5825 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CS5825 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS5825 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
CS5825
Century Semiconductor Inc.
page 13 of 13
PACKAGE OUTLINE (56-pin TSSOP)
Symbol
Dimensions in Millimeters
Dimensions in Inches
MIN
NOM
MAX
MIN
NOM
MAX
A
1.05
-
1.20
0.041
-
0.047
A1
0.05
-
0.15
0.002
-
0.006
A2
-
0.90
-
-
0.035
-
b
0.17
0.20
0.27
0.007
0.008
0.010
c
0.09
0.15
0.20
0.004
0.006
0.008
D
13.90
14.00
14.10
0.547
0.551
0.555
E
7.80
8.10
8.40
0.307
0.319
0.330
E1
6.00
6.10
6.20
0.236
0.240
0.244
e
-
0.50
-
-
0.0197
-
L
0.50
-
0.75
0.020
-
0.030
θ0°
-
-
E
E1
e
A1
A2
A
D
L
c
b
θθθθ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com