Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT534LCQB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT534LCQB
Description  Octal D Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT534LCQB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74ACT534LCQB Datasheet HTML 1Page - National Semiconductor (TI) 74ACT534LCQB Datasheet HTML 2Page - National Semiconductor (TI) 74ACT534LCQB Datasheet HTML 3Page - National Semiconductor (TI) 74ACT534LCQB Datasheet HTML 4Page - National Semiconductor (TI) 74ACT534LCQB Datasheet HTML 5Page - National Semiconductor (TI) 74ACT534LCQB Datasheet HTML 6Page - National Semiconductor (TI) 74ACT534LCQB Datasheet HTML 7Page - National Semiconductor (TI) 74ACT534LCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
45
pF
VCC e OPEN
CPD
Power Dissipation
400
pF
VCC e 50V
Capacitance
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74ACT
534
P
C
QR
Temperature Range Family
Special Variations
74ACT e Commercial TTL-Compatible
X e Devices shipped in 13 reels
54ACT e Military TTL-Compatible
QR e Commercial grade device with
burn-in
Device Type
QB e Military grade device with
environmental and burn-in
Package Code
processing shipped in tubes
P e Plastic DIP
D e Ceramic DIP
Temperature Range
F e Flatpak
C e Commercial (b40 Cto a85 C)
L e Leadless Ceramic Chip Carrier (LCC)
M e Military (b55 Cto a125 C)
S e Small Outline (SOIC)
Physical Dimensions inches (millimeters)
20 Terminal Ceramic Leadless Chip Carrier (L)
NS Package Number E20A
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com