Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1695 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1695
Description  Switched Royer CCFL Inverter Monitor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1695 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1695 Datasheet HTML 2Page - Microsemi Corporation LX1695 Datasheet HTML 3Page - Microsemi Corporation LX1695 Datasheet HTML 4Page - Microsemi Corporation LX1695 Datasheet HTML 5Page - Microsemi Corporation LX1695 Datasheet HTML 6Page - Microsemi Corporation LX1695 Datasheet HTML 7Page - Microsemi Corporation LX1695 Datasheet HTML 8Page - Microsemi Corporation LX1695 Datasheet HTML 9Page - Microsemi Corporation LX1695 Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LX1695
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Switched Royer CCFL Inverter Monitor IC
Copyright
© 2004
Rev. 1.0a, 2006-01-06
TM
®
PACKAGE DIMENSIONS
DM 8-Pin Plastic SOIC
A
P
G
B
K
L
F
C
D
J
M
*Lead Coplanarity
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
4.83
5.00
0.190
0.197
B
3.81
3.94
0.150
0.155
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
F
-
0.77
-
0.030
G
1.27
BSC
0.050
BSC
J
0.19
0.25
0.007
0.010
K
0.13
0.25
0.005
0.010
L
4.80
5.21
0.189
0.205
M
-
8°
-
8°
P
5.79
6.20
0.228
0.244
*LC
-
0.10
-
0.004
M
8-Pin Plastic Mini Dip
C
H
1
B
A
G
D
F
K
L
J
M
*Lead Coplanarity
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
-
10.16
-
0.400
B
6.10
6.60
0.240
0.260
C
-
5.08
-
0.200
D
0.38
0.51
0.0145
0.020
F
0.76
1.52
0.030
0.060
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.38
0.008
0.015
K
3.18
-
0.125
-
L
7.62 BSC
0.300 BSC
M
-
15°
-
15°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com