Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7808AI Datasheet(PDF) 8 Page - Hi-Sincerity Mocroelectronics

Part # H7808AI
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7808AI Datasheet(HTML) 8 Page - Hi-Sincerity Mocroelectronics

Back Button H7808AI Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H7808AI Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H7808AI Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H7808AI Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H7808AI Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H7808AI Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics H7808AI Datasheet HTML 10Page - Hi-Sincerity Mocroelectronics H7808AI Datasheet HTML 11Page - Hi-Sincerity Mocroelectronics H7808AI Datasheet HTML 12Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200405
Issued Date : 2004.04.01
Revised Date : 2006.01.19
Page No. : 8/12
H78XXAJ / BJ, H78XXAI / BI, H78XXANE / BNE, H78XXAE / BE
HSMC Product Specification
Characteristics Curve
Ripple Rejection
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
1000000
Frequency (Hz)
Vin=(4.5+Vout(ic))VDC+3.5Vrms
Iout=50mA
Tj=25
oC
Worst Case Power Dissipation
0
500
1000
1500
2000
2500
0
5
10
15
20
25
30
35
Differential (V) Vinput-Voutput Voltage(V)
With 72
oC/W Heat Sink
Heat Sink Size: 50*50*2 mm
Free Air
Output Voltage as a Function of Junction
Temperature
0
50
100
150
200
Junction Temperature (
oC)
Vin=Vout(ic)+5V
Iout=5mA
Load Transient Response
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
45
50
Time (us)
1.0
0.5
0
Vin=Vout(ic)+5V
Tj=25
oC
Current Cut-off Grid Voltage
00.5
11.522.5
3
Output Current (A)
Vin=Vout(ic)+5V
Tj=25
oC
Vout
Voltage Range
0
5
10
15
20
25
30
35
Vinput-Voutput (V)
Iout=50mA
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com