Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7809ANE Datasheet(PDF) 9 Page - Hi-Sincerity Mocroelectronics

Part # H7809ANE
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7809ANE Datasheet(HTML) 9 Page - Hi-Sincerity Mocroelectronics

Back Button H7809ANE Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H7809ANE Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H7809ANE Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H7809ANE Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H7809ANE Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H7809ANE Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics H7809ANE Datasheet HTML 10Page - Hi-Sincerity Mocroelectronics H7809ANE Datasheet HTML 11Page - Hi-Sincerity Mocroelectronics H7809ANE Datasheet HTML 12Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200405
Issued Date : 2004.04.01
Revised Date : 2006.01.19
Page No. : 9/12
H78XXAJ / BJ, H78XXAI / BI, H78XXANE / BNE, H78XXAE / BE
HSMC Product Specification
TO-252 Dimension
M
N
A
a2
a5
L
C
3
2
1
a1
G
H
F
a1
A
B
C
D
a1
E
J
K
a2
a2
L
F
G
H
I
y2
y2
a1
M
y1
a1
O
N
y1
y1
3-Lead TO-252 Plastic
Surface Mount Package
HSMC Package Code: J
Marking:
Control Code
Date Code
HJ
78
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Product Series
(05,06,08,09,12)
Note: Green label is used for pb-free packing
Pin Style: 1.Input 2.Ground 3.Output
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
DIM
Min.
Max.
A
6.35
6.80
C
4.80
5.50
F
1.30
1.70
G
5.40
6.25
H
2.20
3.00
L
0.40
0.90
M
2.20
2.40
N
0.90
1.50
a1
0.40
0.65
a2
-
*2.30
a5
0.65
1.05
*: Typical, Unit: mm
Marking:
Control Code
Date Code
HJ
78
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Product Series
(05,06,08,09,12)
Note: Green label is used for pb-free packing
Pin Style: 1.Input 2.Ground 3.Output
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead TO-252 Plastic
Surface Mount Package
HSMC Package Code: J
DIM
Min.
Max.
A
6.40
6.80
B
-
6.00
C
5.04
5.64
D-
*4.34
E
0.40
0.80
F
0.50
0.90
G
5.90
6.30
H
2.50
2.90
I
9.20
9.80
J
0.60
1.00
K
-
0.96
L
0.66
0.86
M
2.20
2.40
N
0.70
1.10
O
0.82
1.22
a1
0.40
0.60
a2
2.10
2.50
y1
-
5o
y2
-
3o
*: Typical, Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com