Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC241LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC241LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC241LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC241LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8 - 105
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 4.0 GHz
v01.0905
HMC241LP3 / 241LP3E
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 4,
9, 12, 15
RF4, RF3,
RF2, RF1, RFC
This Pin is DC coupled and matched to 50 Ohm.
Blocking capacitors are required.
2, 3,
10, 11, 13
N/C
This pin should be connected to PCB RF
ground to maximize isolation.
5, 14, 16
GND
Package bottom has exposed metal paddle that must
also be connected to PCB RF ground.
6
Vdd
Supply Voltage +5V ± 10%
7
B
See truth table and control voltage table.
8
A
See truth table and control voltage table.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com