Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDACCESS_SCADA Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # WEDACCESS_SCADA
Description  Browser-Based SCADA Software
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WEDACCESS_SCADA Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  WEDACCESS_SCADA Datasheet HTML 1Page - Advantech Co., Ltd. WEDACCESS_SCADA Datasheet HTML 2Page - Advantech Co., Ltd. WEDACCESS_SCADA Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Integrated with Google Maps and GPS Tracking
WebAccess/SCADA integrates real-time data from physical sites with Google Maps and
GPS location tracking, enabling users to remotely monitor building energy consumption,
field production rates, highway traffic flow, and alarm status information. By right-clicking
on Google Maps or entering the coordinates of a target location, users can create markers
for up to three sites for tracking real-time data. This functionality can then be integrated
with GPS modules to track marker locations via Google Maps, enabling the data to be
shared with relevant in-vehicle systems.
WebAccess Express - The Auto-Configuration Tool
Advantech’s WebAccess Express is an automated graphical application that gives remote
control of device information with a single click. It can automatically discover ADAM
and EKI modules connected via a network or serial port, and it can upload real-time
data to a database through preconfigured monitoring interfaces. The tool also provides
remote monitoring functions by allowing for data exchange/communication with SNMP,
DiagAnywhere Server, or SUSI 4.0 APIs, and it allows users to check the CPU health,
memory, temperature, and voltage of target machines. Integrating SNMP, DiagAnywhere,
and SUSI API drivers means that WebAccess/SCADA can be configured to issue an alarm
when abnormal or suspicious data are detected.
Integrated with WISE-PaaS/VideoCMS
WebAccess/SCADA is integrated with WISE-PaaS/VideoCMS to provide a comprehensive
video management solution that supports real-time monitoring and video playback. With
this intelligent video surveillance system, events can be displayed as alarms and the
corresponding video can be played back accordingly.
Integrated with WebAccess/NMS
WebAccess/NMS is an HTML5-based network device management system that can be
easily integrated with a web interface. Additionally, with WebAccess/SCADA graphics,
users can examine event logs and monitor the real-time status of network devices in the
network topology.
Integrated with WISE-PaaS/RMM
Previously, WebAccess/SCADA supported only sensor and device monitoring. Now, with
the integration of WISE-PaaS/RMM, it also provides support for monitoring of the status
of equipment, such as the CPU temperature, CPU usage, and board temperature, thereby
enabling remote equipment monitoring.
Powerful Excel Reports
For self-defined reporting, WebAccess/SCADA provides a function for exporting reports
to Microsoft Excel. Users can build self-defined Excel templates for automatically
generating on-demand or periodic reports that can be emailed to users in .pdf or .csv
format. Additionally, because the Excel report function is web-based, this means that
reports can be generated and accessed via a web browser from any location. However,
users will need to have purchased a Microsoft Excel license.
Open Data Connectivity
For integration with third-party software, WebAccess/SCADA supports OPC UA/DA, DDE,
Modbus, and BACnet server/client for real-time online data exchanges. Through the
ODBC interface, WebAccess/SCADA can restore historical data in Microsoft SQL Server,
Oracle, MySQL, and Microsoft Access for offline data sharing with MES or ERP systems.
Real-Time Database
The WebAccess/SCADA Real-Time Database (RTDB) was designed to meet industrial
needs for high-speed, large-volume data access. The RTDB’s fully integrated design
means that users do not need to learn how to operate the database. Instead, users can
enable RTDB use on the WebAccess configuration page for the WebAccess SCADA node
to conduct data processing (simultaneous collection and retrieval) at a scale of millions
of records per second. Moreover, the RTDB maintenance feature automatically archives
and deletes obsolete data.
Multitouch Gesture Support
WebAccess/SCADA supports multitouch operation and various preset gestures, such as
flick for page turning and zoom in/out, in addition to two-handed operation. This more
intuitive handling style maximizes operating safety, increases usability, and reduces
training time. Furthermore, WebAccess/SCADA also supports multipoint tap/grab/spread
gestures to initiate predefined actions.
Redundant SCADA Nodes, COM Ports, and Devices
Advantech’s WebAccess/SCADA ensures continuous reliable communication with
automation equipment. The WebAccess backup node activates when the primary node
is down. WebAccess/SCADA device drivers are designed to communicate with backup
ports and devices whenever the primary connection is lost and to automatically restore
to the primary connection when it becomes available.
WebAccess/SCADA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com