Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WA-HT3070T-R15H0AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # WA-HT3070T-R15H0AE
Description  7" WVGA Operator Panel with ARM® Cortex™-A8 RISC Processor and Wide Operating Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WA-HT3070T-R15H0AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  WA-HT3070T-R15H0AE Datasheet HTML 1Page - Advantech Co., Ltd. WA-HT3070T-R15H0AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
WebOP-3070T
Panel Cutout Dimensions: 192 x 138.5 mm (7.56 x 5.45 in)
Ordering Information
ƒ
WOP-3070T-C4BE
7" WVGA, Cortex™-A8, 256MB DDR, WinCE 6.0
Optional Accessories
ƒ
PWR-247-CE
24 V 60 W AC-DC Power Adapter
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1702031836
Power Cable China/Australia Plug 1.8 M
S/W Bundle Offering
ƒ
WA-HT3070T-R15H0AE WOP-3070T-C4BE with WebAccess/HMI Runtime
Application Software
Advantech WebAccess/HMI is human-machine
interface (HMI) software based on Microsoft's Windows
operating system. This software features excellent
communication and monitoring capabilities, supports
more than 350 PLC communication protocols, and
offers a wide choice of screen design objects to satisfy
diverse integrations of factory automation and HMI
operation and monitoring requirements.
203.4
154
42.5
6
191.4
Rear View
Isolated power input
Isolated terminal I/O ports
Isolated terminal I/O ports
Audio mic in/line out
USB (Host)
Dimensions
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com