Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3749 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3749
Description  025 Round Conductor Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3749 Datasheet(HTML) 1 Page - 3M Electronics

  3749 Datasheet HTML 1Page - 3M Electronics 3749 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.025
″ Round Conductor Flat Cable
30 AWG Solid, TPE
3749 Series
25
S Close spacing permits higher signal density
S TPE insulation provides excellent
transmission properties
S 30 AWG solid conductors on .025 inch spacing
allows for mass termination
S Zippable for branching or discrete termination
S Meets SCSI-3 Fast-20 characteristic impedance
requirements
TS-0068-14
Sheet 1 of 2
Date Modified: February 19, 1999
Physical
Insulation
Material: Thermoplastic Elastomer (TPE)
Color: Gray
Marking
Standard: None
Canadian Option:
AWM 20297 105C 150V VW1
3M NU
C
AWM IA 105C 150V FT1
EU <50V
Conductors: 30 AWG [ 0.254 ] Tinned Solid Copper
Electrical
Voltage Rating: USA: 150 V
Canada: 150V
EU: <50V
Insulation Resistance: > 1
× 1010 Ω/10 ft. [ 3m ]
Characteristic Impedance Unbalanced: 90
Ω
Capacitance Unbalanced: 16.5 pF/ft. [ 54.1 pF/m ]
Inductance Unbalanced: .13
µH/ft. [ 0.43 µH/m ]
Propagation Delay Unbalanced: 1.48 ns/ft. [ 4.86 ns/m ]
Velocity of Propagation Unbalanced: 69%
Note: Unbalanced is measured between ground-signal-ground conductors.
Environmental
Temperature Rating: –40
°C to +105°C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E42769, Style No.: 20297


Similar Part No. - 3749

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3749 3M-3749 Datasheet
956Kb / 3P
3M??Round Conductor Flat Cable
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
3M??Round Conductor Flat Cable
3749/10 3M-3749/10 Datasheet
956Kb / 3P
3M??Round Conductor Flat Cable
3749/100 3M-3749/100 Datasheet
956Kb / 3P
3M??Round Conductor Flat Cable
3749/12 3M-3749/12 Datasheet
956Kb / 3P
3M??Round Conductor Flat Cable
More results

Similar Description - 3749

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3709 3M-3709 Datasheet
29Kb / 2P
050 Round Conductor Flat Cable
23-Jun-1999
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
3849 3M-3849 Datasheet
32Kb / 2P
033 Round Conductor Flat Cable
19-Feb-1999
HF625 3M-HF625 Datasheet
917Kb / 3P
3M??Round Conductor Flat Cable
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M??Round Conductor Flat Cable
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
3M??Round Conductor Flat Cable
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M??Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com