Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC385B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVC385B
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC385B Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVC385B Datasheet HTML 1Page - Renesas Technology Corp HVC385B Datasheet HTML 2Page - Renesas Technology Corp HVC385B Datasheet HTML 3Page - Renesas Technology Corp HVC385B Datasheet HTML 4Page - Renesas Technology Corp HVC385B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC385B
Rev.2.00, Jan 19, 2005, page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
—
—
10
VR = 10 V
Reverse current
IR2
—
—
100
nA
VR = 10 V, Ta = 60°C
C0.5
7.20
—
7.70
VR = 0.5 V, f = 1 MHz
Capacitance
C2.5
2.70
—
3.20
pF
VR = 2.5 V, f = 1 MHz
Capacitance ratio
n
2.43
—
2.57
—
C0.5 / C2.5
Series resistance
rS
—
—
0.75
Ω
VR = 1 V, f = 470 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com