Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ2000R33HE4 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # FZ2000R33HE4
Description  SCALE-2 Plug-and-Play Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

FZ2000R33HE4 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  FZ2000R33HE4 Datasheet HTML 1Page - Power Integrations, Inc. FZ2000R33HE4 Datasheet HTML 2Page - Power Integrations, Inc. FZ2000R33HE4 Datasheet HTML 3Page - Power Integrations, Inc. FZ2000R33HE4 Datasheet HTML 4Page - Power Integrations, Inc. FZ2000R33HE4 Datasheet HTML 5Page - Power Integrations, Inc. FZ2000R33HE4 Datasheet HTML 6Page - Power Integrations, Inc. FZ2000R33HE4 Datasheet HTML 7Page - Power Integrations, Inc. FZ2000R33HE4 Datasheet HTML 8Page - Power Integrations, Inc. FZ2000R33HE4 Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SCALE™-2 1SP0635x2x1(C)-FZ2000R33HE4
Data Sheet
www.power.com/gate-driver
Page 2
Safety Notice!
The data contained in this data sheet is intended exclusively for technically trained staff. Handling all high-
voltage equipment involves risk to life. Strict compliance with the respective safety regulations is mandatory!
Any handling of electronic devices is subject to the general specifications for protecting electrostatic-sensitive
devices according to international standard IEC 60747-1, Chapter IX or European standard EN 100015 (i.e. the
workplace, tools, etc. must comply with these standards). Otherwise, this product may be damaged.
Important Product Documentation
This data sheet contains only product-specific data. For a detailed description, must-read application notes and
common data that apply to the whole series, please refer to the “Description & Application Manual for
1SP0635 SCALE-2 IGBT Drivers” on www.power.com/gate-driver/go/1SP0635.
When applying SCALE-2 plug-and-play drivers, please note that these drivers are specifically adapted to a
particular type of IGBT module. Therefore, the type designation of SCALE-2 plug-and-play drivers also includes
the type designation of the corresponding IGBT module. These drivers are not valid for IGBT modules other
than those specified. Incorrect use may result in failure.
Mechanical Dimensions
Dimensions: Refer to the relevant “Description and Application Manual”
Mounting principle: Connected to IGBT module with screws
Fiber-Optic Interfaces (1SP0635x2M1(C))
Interface
Remarks
Part type #
Drive signal input
1SP0635V, fiber-optic receiver (Notes 1, 2)
HFBR-2522ETZ
Drive signal input
1SP0635S, fiber-optic receiver (Notes 1, 2)
HFBR-2412Z
Status output
1SP0635V, fiber-optic transmitter (Notes 1, 3)
HFBR-1522ETZ
Status output
1SP0635S, fiber-optic transmitter (Notes 1, 3)
HFBR-1412Z
Electrical Connectors
Interface
Remarks
Part type #
Power supply connector X1
1SP0635x2M1(C), on-board connector (Note 4)
214012
Bus connectors X2 and X3
On-board connectors (Note 5)
214013



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com