Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSK.142..PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-VSK.142..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.142..PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-VSK.142..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
3
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
tp  5 ms, TJ = TJ maximum
12
W
Maximum average gate power
PG(AV)
f = 50 Hz, TJ = TJ maximum
3
Maximum peak gate current
IGM
tp  5 ms, TJ = TJ maximum
3A
Maximum peak negative
gate voltage
- VGT
10
V
Maximum required DC
gate voltage to trigger
VGT
TJ = - 40 °C
Anode supply = 6 V,
resistive load; Ra = 1 
4
TJ = 25 °C
2.5
TJ = TJ maximum
1.7
Maximum required DC
gate current to trigger
IGT
TJ = - 40 °C
270
mA
TJ = 25 °C
150
TJ = TJ maximum
80
Maximum gate voltage
that will not trigger
VGD
TJ = TJ maximum, rated VDRM applied
0.3
V
Maximum gate current
that will not trigger
IGD
10
mA
Maximum rate of rise of
turned-on current
dI/dt
TJ = TJ maximum, ITM = 400 A rated VDRM applied
300
A/μs
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.136 VSK.142 VSK.162 UNITS
Maximum junction operating
temperature range
TJ
-40 to +125
°C
Maximum storage
temperature range
TStg
-40 to +150
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.18
0.18
0.16
K/W
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface, smooth, flat and greased
0.05
Mounting
torque ± 10 %
IAP to heatsink
A mounting compound is recommended and
the torque should be rechecked after a period of
3 hours to allow for the spread of the
compound. Lubricated threads.
4 to 6
Nm
busbar to IAP
Approximate weight
200
g
7.1
oz.
Case style
INT-A-PAK
R CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION
AT TJ MAXIMUM
RECTANGULAR CONDUCTION
AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VSK.136
0.007
0.01
0.013
0.0155
0.017
0.009
0.012
0.014
0.015
0.017
K/W
VSK.142
0.0019
0.0019
0.0020
0.0020
0.0021
0.0018
0.0022
0.0023
0.0023
0.0020
VSK.162
0.0030
0.0031
0.0032
0.0033
0.0034
0.0029
0.0036
0.0039
0.0041
0.0040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com