Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC565CZP56 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC565CZP56
Description  RISC MCU with Code Compression Option
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC565CZP56 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC565CZP56 Datasheet HTML 1Page - Motorola, Inc MPC565CZP56 Datasheet HTML 2Page - Motorola, Inc MPC565CZP56 Datasheet HTML 3Page - Motorola, Inc MPC565CZP56 Datasheet HTML 4Page - Motorola, Inc MPC565CZP56 Datasheet HTML 5Page - Motorola, Inc MPC565CZP56 Datasheet HTML 6Page - Motorola, Inc MPC565CZP56 Datasheet HTML 7Page - Motorola, Inc MPC565CZP56 Datasheet HTML 8Page - Motorola, Inc MPC565CZP56 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MPC565/MPC566
PRODUCT BRIEF
MOTOROLA
4
• TOUCAN_C pins shared with MIOS14 GPIO pins
Two Queued Serial Modules with One Queued-SPI and two SCI Each (QSMCM_A,
QSMCM_B)
• QSMCM_A matches full MPC555/MPC556 QSMCM functionality
• QSMCM_B has pins muxed with DLCMD2 module
— Two pins are muxed with DLCMD2 (J1850) transmit and receive pins (B_PCS3_J1850_TX
and B_RXD2_J1850_RX)
— QSMCM_B vs J1850 mux control provided by QPAPCS3 bit in QSMCM pin assignment reg-
ister (PQSPAR)
• Queued-SPI
— Provides full-duplex communication port for peripheral expansion or interprocessor communi-
cation
— Up to 32 preprogrammed transfers, reducing overhead
— Synchronous serial interface with baud rate of up to system clock / 4
— Four programmable peripheral-selects pins support up to 16 devices
— Special wrap-around mode allows continuous sampling of a serial peripheral for efficient inter-
facing to serial analog-to-digital (A/D) converters
• SCI
— UART mode provides NRZ format and half- or full-duplex interface
— 16 register receive buffer and 16 register transmit buffer on one SCI
— Advanced error detection, and optional parity generation and detection
— word length programmable as eight or nine bits
— Separate transmitter and receiver enable bits, and double buffering of data
— Wake-up functions allow the CPU to run uninterrupted until either a true idle line is detected,
or a new address byte is received
— External source clock for baud generation
• Available in package
— Plastic ball grid array (PBGA) packaging
• 352/388 ball PBGA
• 27 mm x 27 mm body size
• 1.0 mm ball pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com