Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC259 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74AHC259
Description  8-bit addressable latch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC259 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74AHC259 Datasheet HTML 9Page - NXP Semiconductors 74AHC259 Datasheet HTML 10Page - NXP Semiconductors 74AHC259 Datasheet HTML 11Page - NXP Semiconductors 74AHC259 Datasheet HTML 12Page - NXP Semiconductors 74AHC259 Datasheet HTML 13Page - NXP Semiconductors 74AHC259 Datasheet HTML 14Page - NXP Semiconductors 74AHC259 Datasheet HTML 15Page - NXP Semiconductors 74AHC259 Datasheet HTML 16Page - NXP Semiconductors 74AHC259 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2000 Mar 14
13
Philips Semiconductors
Product specification
8-bit addressable latch
74AHC259;
74AHCT259
AC WAVEFORMS
handbook, halfpage
MNA569
D input
Qn output
tPHL
tPLH
GND
VCC
VM
(2)
VM
(1)
VOH
VOL
Fig.5
The data input (D) to output (Qn)
propagation delays.
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(2)
OUTPUT
AHC
GND to VCC
50% VCC 50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
handbook, halfpage
MNA568
An input
Qn output
tPHL
tPLH
GND
VCC
VM
(2)
VM
(1)
VOH
VOL
Fig.6
The address input (An) to output (Qn)
propagation delays.
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(2)
OUTPUT
AHC
GND to VCC
50% VCC 50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(2)
OUTPUT
AHC
GND to VCC
50% VCC 50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
Fig.7 The enable input (LE) to output (Qn) propagation delays, the enable input pulse width.
handbook, full pagewidth
MNA570
LE input
Qn output
tPHL
tPLH
tW
VM
(2)
VOH
VCC
GND
VCC
GND
VOL
VM
(1)
D input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com