Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP201802 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MP201802
Description  MAGNETIC PROXIMITY SENSORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MP201802 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MP201802 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MP2018 Mini Flange-Mount
Proximity Sensor
SLOT — 2 PLACES:
.128˝ (3.2mm) x .310˝ (7.9mm)
.625˝
(15.9mm)
1.125˝
(28.6mm)
.562˝
(14.3mm)
.200˝ REF
(5.1mm)
12.00
± .300˝
(304.8
± 7.6mm)
Capsule: 30% Glass-Filled Polyester.
Leads: 24 AWG PVC UL 1569, Pre-Tinned.
.375˝
(9.6mm)
.250˝
(6.35mm)
.135˝
(3.43mm)
.750˝
(19.0mm)
8
MP2019 Flange-Mount
Proximity Sensor
Dimensions
.906˝
(23.0mm)
SLOT .128˝ (3.25mm) x .160˝ (4.06mm)
2 PLACES
.295˝
(7.5mm)
.433˝
(11.0mm)
.177˝
(4.5mm)
.236˝
(6.0mm)
.118˝
(3.0mm)
.550˝
(14.0mm)
.550˝
(14.0mm)
.200˝ REF
(5.1mm)
12.00
± .300˝
(304.8
± 7.6mm)
Capsule: 30% Glass-Filled Polyester.
Leads: 24 AWG PVC UL 1569, Pre-Tinned.
Dimensions
Reed-based
magnetic
proximity sensor
encapsulated in
plastic flange-
mount package
I Immune to hostile environments
I Hermetically sealed for long life
I Suitable for DC and AC circuits
I A standard magnetic actuator is available in the same package.
Cherry part number AS201901
Reed-based
magnetic
proximity sensor
encapsulated in
plastic flange-
mount package
I Resistant to moisture and dirt
I Operated by North or South pole
I Hermetically sealed for long life
I A standard magnetic actuator is available in the same package.
Cherry part number AS201801
MP
SERIES
MA GNETIC PRO XIMITY SENSORS
All Tolerances ± .005”(.13mm) Unless Otherwise Noted
All Tolerances ± .005”(.13mm) Unless Otherwise Noted
All Tolerances ± .005”(.13mm) Unless Otherwise Noted
Lorem ipsum dolor sit amet,
consectetuer dipiscing elit,
sed diam nommy nibh.
Part #
Contact
Form
Breakdown
Voltage,
VDC Min
Switching
Current,
Amps Max
Operate
Temp. Range,
ºC
Operate
Time,
msec Typ.
Power
Rating,
W Max
Switching
Voltage,
VDC Max
Contact
Resistance,
Ohms Max
MP201801
SPST-NO
10
175
200
0.5
0.200
-40 to +105
0.6
Form A
MP201802
SPST-NC
3
100
200
0.2
0.200
-40 to +105
1
Form B
Lorem ipsum dolor sit amet,
consectetuer dipiscing elit,
sed diam nommy nibh.
Part #
Contact
Form
Breakdown
Voltage,
VDC Min
Switching
Current,
Amps Max
Operate
Temp. Range,
ºC
Operate
Time,
msec Typ.
Power
Rating,
W Max
Switching
Voltage,
VDC Max
Contact
Resistance,
Ohms Max
MP201901
SPST-NO
10
175
200
0.5
0.200
-40 to +105
0.6
Form A
MP201902
SPST-NC
3
100
200
0.2
0.200
-40 to +105
1
Form B
MP201903
SPDT-CO
3
100
200
0.2
0.200
-40 to +105
1
Form C


Similar Part No. - MP201802

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
MP201802 ZFSWITCHES-MP201802 Datasheet
252Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
More results

Similar Description - MP201802

ManufacturerPart #DatasheetDescription
logo
SICK AG
MM12-45APS-ZCKS01 SICK-MM12-45APS-ZCKS01 Datasheet
2Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZUK SICK-MM12-60ANS-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60A-N-ZC0 SICK-MM12-60A-N-ZC0 Datasheet
3Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM12-60APO-ZUK SICK-MM12-60APO-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APS-ZCK SICK-MM12-60APS-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM18-70ANS-ZUK SICK-MM18-70ANS-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM18-70A-N-ZW0 SICK-MM18-70A-N-ZW0 Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM18-70APO-ZCK SICK-MM18-70APO-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM18-70APS-VCK SICK-MM18-70APS-VCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MQ10-60ANS-KU0 SICK-MQ10-60ANS-KU0 Datasheet
845Kb / 6P
MAGNETIC PROXIMITY SENSORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com