Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSLZ8V2 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CSLZ8V2
Description  TOSHIBA Zener Diode Silicon Epitaxial Planar Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CSLZ8V2 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CSLZ8V2 Datasheet HTML 1Page - Toshiba Semiconductor CSLZ8V2 Datasheet HTML 2Page - Toshiba Semiconductor CSLZ8V2 Datasheet HTML 3Page - Toshiba Semiconductor CSLZ8V2 Datasheet HTML 4Page - Toshiba Semiconductor CSLZ8V2 Datasheet HTML 5Page - Toshiba Semiconductor CSLZ8V2 Datasheet HTML 6Page - Toshiba Semiconductor CSLZ8V2 Datasheet HTML 7Page - Toshiba Semiconductor CSLZ8V2 Datasheet HTML 8Page - Toshiba Semiconductor CSLZ8V2 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CSLZ Series
2022-05-24
Rev.1.0
© 2022
Toshiba Electronic Devices & Storage Corporation
1
TOSHIBA Zener Diode Silicon Epitaxial Planar Type
CSLZ Series
Applications
Voltage surge protection
Features
• Small package
Packaging and Internal Circuit
Absolute Maximum Ratings 1 (Note) (Unless otherwise specified, Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power dissipation
PD
*1
150
mW
PD
*2
400
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to 150
°C
Absolute Maximum Ratings 2 (Note) (Unless otherwise specified, Ta = 25°C)
Type No.
Electrostatic discharge voltage
*3
Peak pulse
power *4
Peak pulse
current*4
Type No.
Electrostatic discharge voltage
*3
Peak pulse
power *4
Peak pulse
current*4
Contact
Air
Contact
Air
VESD(kV)
PPK(W)
IPP(A)
VESD(kV)
PPK(W)
IPP(A)
CSLZ5V6
± 30
32
2.5
CSLZ12V
± 20
72
2.5
CSLZ6V2
± 30
37
2.5
CSLZ16V
± 12
87
2.5
CSLZ6V8
± 30
40
2.5
CSLZ20V
± 12
105
2.5
CSLZ8V2
± 30
55
2.5
CSLZ24V
± 10
117
2.5
CSLZ10V
± 30
60
2.5
CSLZ30V
± 8
145
2.5
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change
in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.Please design the appropriate
reliability upon reviewing the Toshiba Semic
onductor Reliability Handbook (“Handling Precautions”/“Derating Concept
and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
*1:
Mounted on a glass epoxy circuit board of 20 mm × 20 mm, pad dimensions of 4 mm × 4 mm.
*2:
Mounted on a glass epoxy circuit board of 25.4 mm × 25.4 mm × 1.6 mmt, Cu pad: 645 mm2
*3:
according to IEC61000-4-2
*4:
according to IEC61000-4-
5, tp = 8 / 20 μs
Start of commercial production
2022-04
SL2
1: Cathode
2: Anode
1
2


Similar Part No. - CSLZ8V2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CSL TTELEC-CSL Datasheet
433Kb / 2P
Four Terminal Open Air Low Ohm Current Sense Resistor
logo
Tyco Electronics
CSL-02713P MACOM-CSL-02713P Datasheet
113Kb / 2P
CSL A4 Laser printable self-laminating labels
CSL-02713P4 MACOM-CSL-02713P4 Datasheet
5Mb / 85P
tyco electronics contents
CSL-02713P9 MACOM-CSL-02713P9 Datasheet
5Mb / 85P
tyco electronics contents
CSL-03418P MACOM-CSL-03418P Datasheet
113Kb / 2P
CSL A4 Laser printable self-laminating labels
More results

Similar Description - CSLZ8V2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRZ13 TOSHIBA-CRZ13 Datasheet
121Kb / 5P
TOSHIBA Zener Diode Silicon Epitaxial Type
015AZ2.0 TOSHIBA-015AZ2.0 Datasheet
172Kb / 6P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS321 TOSHIBA-1SS321_07 Datasheet
175Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FE TOSHIBA-HN1D01FE_14 Datasheet
248Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FU TOSHIBA-HN1D01FU_14 Datasheet
247Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
CUZ12V TOSHIBA-CUZ12V Datasheet
2Mb / 16P
TOSHIBA Zener Diode Silicon Epitaxial Planar Type
2020-10-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com