Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP223GAF Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TLP223GAF
Description  Photocouplers Photorelay
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP223GAF Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TLP223GAF Datasheet HTML 6Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 7Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 8Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 9Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 10Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 11Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 12Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 13Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TLP223GA,TLP223GAF
10
Table
Insulation Related Specifications (Note)
Insulation Related Parameters
Minimum creepage distance
Minimum clearance
Minimum insulation thickness
Comparative tracking index
Symbol
Cr
Cl
ti
CTI
TLP223GA
7.0 mm
7.0 mm
0.4 mm
175
TLP223GAF
8.0 mm
8.0 mm
0.4 mm
175
Note:
If a printed circuit is incorporated, the creepage distance and clearance may be reduced below this value.
(e.g., at a standard distance between soldering eye centers of 7.5 mm). If this is not permissible, the user shall
take suitable measures.
Note:
This photocoupler is suitable for safe electrical isolation only within the safety limit data.
Maintenance of the safety data shall be ensured by means of protective circuits.
Fig. 17.2
Marking on Packing
2022-02-02
Rev.4.0
©2020-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com