Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF2097SC Datasheet(PDF) 1 Page - Cvilux Corporation

Part # CF2097SC
Description  0.50mm(.031) 1IF FFC/FPC UPSIDE. CONTACT SURFACE MOUNT CONNECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation

CF2097SC Datasheet(HTML) 1 Page - Cvilux Corporation

  CF2097SC Datasheet HTML 1Page - Cvilux Corporation CF2097SC Datasheet HTML 2Page - Cvilux Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CviLux
2019.07.18
CVILUX CORP
ISSUED


Similar Part No. - CF2097SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CF200-A12C MURATA-PS-CF200-A12C Datasheet
183Kb / 4P
200 Watt High Density AC/DC Power Supply
logo
MERITEK ELECTRONICS COR...
CF200103GTR MERITEK-CF200103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF200103JTR MERITEK-CF200103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF200103KTR MERITEK-CF200103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Chip Integration Techno...
CF20100CT CITC-CF20100CT Datasheet
469Kb / 3P
20A Trench Schottky Rectifier
More results

Similar Description - CF2097SC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0524372271 MOLEX7-0524372271 Datasheet
433Kb / 7P
0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact
5008052272 MOLEX11-5008052272 Datasheet
277Kb / 6P
0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style, Gold Contact
5014610401 MOLEX11-5014610401 Datasheet
297Kb / 5P
0.50mm (.020") Pitch FPC Connector, BackFlip, Right Angle, SMT, Bottom Contact Style, 0.80mm (.031")
54548-2070 MOLEX11-54548-2070 Datasheet
41Kb / 3P
0.50mm Pitch FFC/FPC Connector
2004850070 MOLEX-2004850070 Datasheet
39Kb / 1P
Easy-On FFC/FPC One-Touch Connector, 0.50mm Pitch, Right-Angle, Bottom Contact
2004850210 MOLEX-2004850210 Datasheet
23Kb / 1P
Easy-On FFC/FPC One-Touch Connector, 0.50mm Pitch, Right-Angle, Bottom Contact
2004850240 MOLEX-2004850240 Datasheet
42Kb / 1P
Easy-On FFC/FPC One-Touch Connector, 0.50mm Pitch, Right-Angle, Bottom Contact
2004850270 MOLEX-2004850270 Datasheet
23Kb / 1P
Easy-On FFC/FPC One-Touch Connector, 0.50mm Pitch, Right-Angle, Bottom Contact
2004850420 MOLEX-2004850420 Datasheet
39Kb / 1P
Easy-On FFC/FPC One-Touch Connector, 0.50mm Pitch, Right-Angle, Bottom Contact
2004850440 MOLEX-2004850440 Datasheet
39Kb / 1P
Easy-On FFC/FPC One-Touch Connector, 0.50mm Pitch, Right-Angle, Bottom Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com